|
| UTCUM66TXXL |
|
||
|
UTC |
|
1 page
UTCUM66TXXL LINEAR INTEGRATED CIRCUIT UTC UNISONIC TECHNOLOGIES CO., LTD. 1 QW-R501-001,B MELODY INTEGRATED CIRCUIT DESCRIPTION The UTC UM66TXXL series are CMOS LSI designed for using in door bell, telephone and toy application. It is an on-chip ROM programmed for musical performance. Produced by CMOS technology, the device results in very low power consumption. Since the UTC UM66TXXL series include oscillation circuits a compact melody module can be constructed with only a few additional components. FEATURES *64-Note Rom memory *1.5V ~ 4.5V power supply and low power consumption *Dynamic speaker can be driven with external NPN transistor *OSC resistor hold mode *Power on reset: melody begins from the first note *Built in level hold mode TO-92 1 1: VSS 2: VDD 3: O/P(Melody output) ORDERING INFORMATION UTC UM66T XX L Song series LEVEL HOLD Mode SONG SERIES LIST P/N SONG NAME UTC UM66T05L Home sweet home UTC UM66T19L For Alice UTC UM66T32L COO COO waltz |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| UM66T05L | MELODY INTEGRATED CIRCUIT | 1 2 3 | Unisonic Technologies |
| M52325AP | SECAM DECODER LINEAR INTEGRATED CIRCUIT | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| MRFIC0931 | BALANCED TRANSMIT MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT | 1 2 3 4 | Motorola, Inc |
| MRFIC2404 | 2.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT | 1 2 3 4 5 More | Motorola, Inc |
| UPC2714T | 1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT | 1 2 3 4 5 More | NEC |
| NTE1002 | Integrated Circuit FM IF TV Amp | 1 2 | NTE Electronics |
| NTE1072 | Integrated Circuit FM-AM IF Amp & AF Amp | 1 | NTE Electronics |
| NTE1161 | Integrated Circuit TV Video/Sound IF Amp Detector | 1 2 3 | NTE Electronics |
| NTE1200 | Integrated Circuit Color TV Chroma Processor | 1 2 | NTE Electronics |
| NTE1248 | Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demod | 1 2 3 | NTE Electronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |