Nombre de pieza
         Descripción
VS3245

 High Speed CMOS VSwitch 8-Bit Bus Switches ( 6 Page)


VAISH
100% 
Zoom Out Zoom In
   
 6 page
background image
VS3245/VS32245
2001-04-12
Page 6
MDSS-0007-02
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Switching Waveforms
Ordering Information
Part Number
Marking
Shipping/Packaging
No. of Pins
Package
Temperature
VS3245Q
VS3245Q
Tubes
20
QSOP
-40
°C to +85°C
VS3245QX
VS3245Q
Tape & Reel
20
QSOP
-40
°C to +85°C
VS32245Q
VS32245Q
Tubes
20
QSOP
-40
°C to +85°C
VS32245QX
VS32245Q
Tape & Reel
20
QSOP
-40
°C to +85°C
tPLH
tPHL
Input
Switch Output
1.5 V
3.0 V
1.5 V
0 V
VOL
VOH
Propagation Delay
tPHZ
tPZH
Control Input
Switch Output
(Switch Input = 3.0 V)
3.0 V
1.5 V
1.5 V
0.3 V
0 V
VOH
VOL
0 V
3.5 V
0.3 V
Switch Output
(Switch Input = 0 V)
Switch ON
Switch OFF
Switch ON
1.5 V
tPLZ
tPZL
Enable and Disable Times
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
VS3345High Speed CMOS VSwitch 8-Bit Bus Switches with Active High & Low Enables 1 2 3 4 5 MoreVaishali Semiconductor
VS3244High Speed CMOS VSwitch Dual 4-Bit Bus Switches 1 2 3 4 5 MoreVaishali Semiconductor
VS32X245High Speed CMOS VSwitch 16-Bit Bus Switches 1 2 3 4 5 MoreVaishali Semiconductor
CXK582000TM262144-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK58257AP32768-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM 1 2 3 4 5 MoreSony Corporation
HI56288-Bit 165/125/60MSPS Dual High Speed CMOS D/A Converter 1 2 3 4 5 MoreIntersil Corporation
CXK5863AP8192 word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
AM27H0101 Megabit 131 072 x 8-bit High Speed CMOS EPROM 1 2 3 4 5 MoreAdvanced Micro Devices
CD74HC4094High Speed CMOS Logic 8-Stage Shift and Store Bus Register Three-State 1 2 3 4 5 MoreTexas Instruments
CXK58512TM65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl