Nombre de pieza
         Descripción
VS3345

 High Speed CMOS VSwitch 8-Bit Bus Switches with Active High & Low Enables ( 6 Page)


VAISH
100% 
Zoom Out Zoom In
   
 6 page
background image
VS3345/VS32345
2001-04-12
Page 6
MDSS-0010-01
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Switching Waveforms
Ordering Information
Part Number
No. of Pins
Package
Temperature
VS3345Q
20
QSOP
-40
°C to +85°C
VS32345Q
20
QSOP
-40
°C to +85°C
tPLH
tPHL
Input
Switch Output
1.5 V
3.0 V
1.5 V
0 V
VOL
VOH
Propagation Delay
tPHZ
tPZH
Control Input
Switch Output
(Switch Input = 3.0 V)
3.0 V
1.5 V
1.5 V
0.3 V
0 V
VOH
VOL
0 V
3.5 V
0.3 V
Switch Output
(Switch Input = 0 V)
Switch ON
Switch OFF
Switch ON
1.5 V
tPLZ
tPZL
Enable and Disable Times
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
VS3245High Speed CMOS VSwitch 8-Bit Bus Switches 1 2 3 4 5 MoreVaishali Semiconductor
IDTQS3125QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES 1 2 3 4 5 Integrated Device Technology
VS3244High Speed CMOS VSwitch Dual 4-Bit Bus Switches 1 2 3 4 5 MoreVaishali Semiconductor
VS32X245High Speed CMOS VSwitch 16-Bit Bus Switches 1 2 3 4 5 MoreVaishali Semiconductor
IDTQS3R862QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES 1 2 3 4 5 Integrated Device Technology
MP87L76CMOS 10MSPS 8-BIT HIGH SPEED LOW POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN 1 2 3 4 5 MoreExar Corporation
IDTQS3126QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES 1 2 3 4 5 Integrated Device Technology
ADC0820CMOS High Speed 8-Bit A/D Converter with Track/Hold Function 1 2 3 4 5 MoreMaxim Integrated Products
MDT10P73This EPROM-Based 8-bit micro-controller uses a fully static CMOS technology process to achieve higher speed and smaller size with the low power consum 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ALD4213CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES 1 2 3 4 5 MoreAdvanced Linear Devices

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl