Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC5970DAPR Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TLC5970DAPR
Descripción Electrónicos  3-Channel, 12-Bit, PWM LED Driver with Buck DC/DC Converter and Differential Signal Interface
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLC5970DAPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC5970DAPR Datasheet HTML 5Page - Texas Instruments TLC5970DAPR Datasheet HTML 6Page - Texas Instruments TLC5970DAPR Datasheet HTML 7Page - Texas Instruments TLC5970DAPR Datasheet HTML 8Page - Texas Instruments TLC5970DAPR Datasheet HTML 9Page - Texas Instruments TLC5970DAPR Datasheet HTML 10Page - Texas Instruments TLC5970DAPR Datasheet HTML 11Page - Texas Instruments TLC5970DAPR Datasheet HTML 12Page - Texas Instruments TLC5970DAPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
TLC5970
www.ti.com
SBVS140 – MARCH 2010
SWITCHING CHARACTERISTICS
At VCC = 10 V to 36 V, TA = –40°C to +85°C, RIREF = 1 kΩ, and VLED = 5.0 V. Typical values at VCC = 24 V and TA = +25°C,
unless otherwise noted.
TLC5970
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
At SDTY, SDTZ, SCKY, or SCKZ pins. RLDIF = 2 × 51 Ω,
CLDIF = 50 pF, SDTA-SDTB = SCKA-SCKB = 20 MHz,
tR0
15
ns
measured at 0.4 V differential point
Rise time
(see Figure 10 and Figure 11)
At OUTn pins. DCn/BC = 7Fh, RLLED = 27 Ω, CLLED = 15 pF
tR1
10
15
ns
(see Figure 12)
At SDTY, SDTZ, SCKY, or SCKZ pins. RLDIF = 2 × 51 Ω,
CLDIF = 50 pF, SDTA-SDTB = SCKA-SCKB = 20 MHz,
tF0
15
ns
measured at 0.4 V differential point
Fall time
(see Figure 10 and Figure 11)
At OUTn pins. DCn/BC = 7Fh, RLLED = 27 Ω, CLLED = 15 pF
tF1
10
35
ns
(see Figure 12)
(SCKA-SCKB)
↑ – (SDTY-SDTZ) , RLDIF = 2 × 51 Ω,
tD0
20
30
60
ns
CLDIF = 50 pF, DSI mode = 2 (see Figure 10)
(SCKA-SCKB)
↑ – (SDTY-SDTZ) , RLDIF = 2 × 51 Ω,
tD0A
30
50
90
ns
CLDIF = 50 pF, DSI mode = 1 (see Figure 10)
(SCKA-SCKB)
↓ – (SDTY-SDTZ) , RLDIF = 2 × 51 Ω,
tD0B
20
30
55
ns
CLDIF = 50 pF, DSI mode = 0 (see Figure 11)
(SCKA-SCKB)
↑ – (SCKY-SCKZ)↑, RLDIF = 2 × 51 Ω,
tD1
13
19
33
ns
CLDIF = 50 pF, DSI mode = 2 (see Figure 10)
(SCKA-SCKB)
↑ – (SCKY-SCKZ)↑, RLDIF = 2 × 51 Ω,
tD1A
13
19
33
ns
CLDIF = 50 pF, DSI mode = 1 (see Figure 10)
Propagation delay time
(SCKA-SCKB)
↑↓ – (SCKY-SCKZ)↑↓, RLDIF = 2 × 51 Ω,
tD1B
13
20
30
ns
CLDIF = 50 pF, DSI mode = 0 (see Figure 11)
(SCKY-SCKZ)
↑ – (SDTY-SDTZ), RLDIF = 2 × 51 Ω,
tD2
(1)
5
11
30
ns
CLDIF = 50 pF, DSI mode = 2
(SCKY-SCKZ)
↑ – (SDTY-SDTZ), RLDIF = 2 × 51 Ω,
tD2A
(1)
15
31
60
ns
CLDIF = 50 pF, DSI mode = 1
tD3
(SCKA-SCKB)
↑ – OUT0 turns on/off (see Figure 12)
12
30
60
ns
tD4
(SCKA-SCKB)
↑ – OUT1 turns on/off (see Figure 12)
35
70
140
ns
tD5
(SCKA-SCKB)
↑ – OUT2 turns on/off (see Figure 12)
55
110
220
ns
Shift clock output
(SCKY-SCKZ)
↑ – (SCKY-SCKZ) ↓ with DSI mode 1 or mode 2
tW
12
25
35
ns
one pulse width
(see Figure 10)
Shift clock output
High-level pulse width of (SCKA-SCKB) – high-level pulse
tW_ERR
–10
10
ns
pulse width error
width of (SCKY-SCKZ) with DSI mode 0 (see Figure 11)
fOSC
Internal oscillator frequency
8
10
12
MHz
High-side MOS switching
fSW
At PH pin
1
1.25
1.5
MHz
maximum frequency
tDTY0
At PH pin. EEPROM data = 7h
83
86
90
%
On-duty cycle
tDTY1
At PH pin. EEPROM data = 0h
15
18
21
%
tSCP
Short-circuit detection time
VFB < VSCP
2.4
4.0
µs
(1)
The propagation delays are calculated by tD2 = tD0 – tD1, tD2A = tD0A – tD1A.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLC5970


Número de pieza similar - TLC5970DAPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC5971 TI-TLC5971 Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
TLC59711 TI1-TLC59711 Datasheet
963Kb / 36P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC59711PWP TI1-TLC59711PWP Datasheet
963Kb / 36P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC59711PWPR TI1-TLC59711PWPR Datasheet
963Kb / 36P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC5971PWP TI-TLC5971PWP Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
More results

Descripción similar - TLC5970DAPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX25610A MAXIM-MAX25610A Datasheet
1Mb / 24P
   Synchronous Buck and Buck-Boost LED Driver/DC-DC Converter
Rev 5; 4/19
logo
Bookly Micro electronic
BM1509HV BOOKLY-BM1509HV Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
   2A PWM BUCK DC-DC Converter
VER 1.2
logo
Diodes Incorporated
AP1501A DIODES-AP1501A_17 Datasheet
367Kb / 13P
   5A PWM BUCK DC/DC CONVERTER
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
   2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
   2A PWM BUCK DC-DC CONVERTER
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com