Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA6219BFP-Y Datasheet(PDF) 6 Page - Rohm

No. de pieza BA6219BFP-Y
Descripción Electrónicos  DC Brush Motor Driver for Paper Feed or Carriage Use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA6219BFP-Y Datasheet(HTML) 6 Page - Rohm

  BA6219BFP-Y Datasheet HTML 1Page - Rohm BA6219BFP-Y Datasheet HTML 2Page - Rohm BA6219BFP-Y Datasheet HTML 3Page - Rohm BA6219BFP-Y Datasheet HTML 4Page - Rohm BA6219BFP-Y Datasheet HTML 5Page - Rohm BA6219BFP-Y Datasheet HTML 6Page - Rohm BA6219BFP-Y Datasheet HTML 7Page - Rohm BA6219BFP-Y Datasheet HTML 8Page - Rohm BA6219BFP-Y Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/8
●Power Dissipation Reduction (Common)
When mounted on a glass epoxy board with a dimension of 70 mm x 70 mm x 1.6 mm.
Reduced by 11.6 mW/°C over 25°C.
Must not exceed Pd or ASO.
●I/O Circuit Diagram
Input (BA6219BFP-Y)
Input (BA6920FP-Y)
Output (BA6219BFP-Y)
Output (BA6920FP-Y)
●Operation Notes
1)
Absolute maximum ratings
An excess in the absolute maximum ratings, such as supply voltage, temperature range of operating conditions, etc., can break down
the devices, thus making impossible to identify breaking mode, such as a short circuit or an open circuit. If any over rated values will
expect to exceed the absolute maximum ratings, consider adding circuit protection devices, such as fuses.
2)
Connecting the power supply connector backward
Connecting of the power supply in reverse polarity can damage IC. Take precautions when connecting the power supply lines. An external
direction diode can be added.
Fig.18
20kΩ
10kΩ
10kΩ
10kΩ
IN1,IN2
FIN
RIN
GND
11kΩ
4.7kΩ
20kΩ
10kΩ
13.2kΩ
11kΩ
Fig.19
VCC2
CD1
CD2
VCC1
VR
GND
OUT2
OUT1
Fig.20
OUT1
VM
VCC
OUT2
RNF
GND
VREF
Q1
Q4
Q5
Q2
Q3
Fig.21
Ta[℃]
0
150
125
100
75
50
25
1.45
2.0
1.5
Pd[W]
1.0
0.5
Fig.17
85


Número de pieza similar - BA6219BFP-Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
108Kb / 7P
   Reversible motor driver
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
225Kb / 5P
   Motor driver with DC brush
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
312Kb / 11P
   Reversible motor drivers (up to 2A series)
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_09 Datasheet
312Kb / 11P
   Reversible motor drivers (up to 2A series)
More results

Descripción similar - BA6219BFP-Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD6222HFP ROHM-BD6222HFP Datasheet
267Kb / 5P
   H-bridge driver for DC brush motor
BD6211F ROHM-BD6211F Datasheet
265Kb / 5P
   H-bridge driver for DC brush motor
BD6210F ROHM-BD6210F Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
BD6220F ROHM-BD6220F Datasheet
267Kb / 5P
   H-bridge driver for DC brush motor
BD6232HFP ROHM-BD6232HFP Datasheet
238Kb / 3P
   H-bridge driver for DC brush motor
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
   Motor driver with DC brush
logo
Shenzhen Huazhimei Semi...
HM2572 HMSEMI-HM2572 Datasheet
1Mb / 14P
   Brush type DC motor driver
logo
Rohm
BD6211HFP ROHM-BD6211HFP Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
BD6212HFP ROHM-BD6212HFP Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
BD6222FP ROHM-BD6222FP Datasheet
238Kb / 3P
   H-bridge driver for DC brush motor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com