Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD2041AFJ Datasheet(PDF) 8 Page - Rohm

No. de pieza BD2041AFJ
Descripción Electrónicos  1ch Large Current Output USB High Side Switch ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD2041AFJ Datasheet(HTML) 8 Page - Rohm

Back Button BD2041AFJ_09 Datasheet HTML 4Page - Rohm BD2041AFJ_09 Datasheet HTML 5Page - Rohm BD2041AFJ_09 Datasheet HTML 6Page - Rohm BD2041AFJ_09 Datasheet HTML 7Page - Rohm BD2041AFJ_09 Datasheet HTML 8Page - Rohm BD2041AFJ_09 Datasheet HTML 9Page - Rohm BD2041AFJ_09 Datasheet HTML 10Page - Rohm BD2041AFJ_09 Datasheet HTML 11Page - Rohm BD2041AFJ_09 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
BD2041AFJ,BD2051AFJ,BD6518FJ,BD6519FJ
Technical Note
8/18
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Reference data (BD6518F/BD6519FJ)
Fig.38 Operating current
CTRL Disable
Fig.39 Operating current
CTRL Disable
Fig.36 Operating current
CTRL Enable
0
20
40
60
80
100
120
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VDD=5.0V
0.0
0.2
0.4
0.6
0.8
1.0
23
45
6
SUPPLY VOLTAGE : VDD[V]
Ta=25°C
Fig.37 Operating current
CTRL Enable
0.0
0.5
1.0
1.5
2.0
2.5
23456
SUPPLY VOLTAGE : VDD[V]
Low to High
High to Low
Ta=25°C
Fig.40 CTRL input voltage
0.0
0.5
1.0
1.5
2.0
2.5
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VDD=5.0V
High to Low
Low to High
Fig.41 CTRL input voltage
0
50
100
150
200
250
23
45
6
SUPPLY VOLTAGE : VDD[V]
Ta=25°C
Fig.42 FLAG output resistance
0
50
100
150
200
250
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VDD=5.0V
Fig.43 FLAG output resistance
Fig.44 ON resistance
0
50
100
150
200
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VDD=5.0V
Fig.45 ON resistance
0
20
40
60
80
100
120
234
56
SUPPLY VOLTAGE : VDD[V]
Ta=25°C
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VDD=5.0V
0
50
100
150
200
23
456
SUPPLY VOLTAGE : VDD[V]
Ta=25°C
0.0
0.5
1.0
1.5
2.0
23
45
6
SUPPLY VOLTAGE : VDD[V]
Ta=25°C
Fig.46 Output current at shortcircuit
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VDD=5.0V
Fig.47 Output current at shortcircuit


Número de pieza similar - BD2041AFJ_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2041AFJ-E2 ROHM-BD2041AFJ-E2 Datasheet
1Mb / 26P
   1.0A Current Limit High Side Switch ICs
BD2041AFJ-E2 ROHM-BD2041AFJ-E2 Datasheet
682Kb / 25P
   1.0A Current Limit High Side Switch ICs
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_14 Datasheet
1Mb / 26P
   1.0A Current Limit High Side Switch ICs
More results

Descripción similar - BD2041AFJ_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2061AFJ ROHM-BD2061AFJ_09 Datasheet
351Kb / 13P
   1ch Large Current Output USB High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
   1ch Adjustable Current Limit High Side Switch ICs
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2244G-M ROHM-BD2244G-M_16 Datasheet
2Mb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_09 Datasheet
429Kb / 14P
   2ch Small Current Output USB High Side Switch ICs
BD22441G-C ROHM-BD22441G-C Datasheet
1Mb / 28P
   Automotive 1ch Adjustable Current Limit High Side Switch ICs
11.Apr.2022 Rev.004
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BD2202G ROHM-BD2202G_09 Datasheet
453Kb / 13P
   1ch Small Current Output Power Management Switch ICs
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com