Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD2270HFV Datasheet(PDF) 2 Page - Rohm

No. de pieza BD2270HFV
Descripción Electrónicos  MOSFET Controller IC for Load Switching
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD2270HFV Datasheet(HTML) 2 Page - Rohm

  BD2270HFV Datasheet HTML 1Page - Rohm BD2270HFV Datasheet HTML 2Page - Rohm BD2270HFV Datasheet HTML 3Page - Rohm BD2270HFV Datasheet HTML 4Page - Rohm BD2270HFV Datasheet HTML 5Page - Rohm BD2270HFV Datasheet HTML 6Page - Rohm BD2270HFV Datasheet HTML 7Page - Rohm BD2270HFV Datasheet HTML 8Page - Rohm BD2270HFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Technical Note
2/12
BD2270HFV
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●Electrical Characteristics
(Vcc =3.0V, Ta=25°C unless otherwise specified)
●Measurement Circuit
Fig.1 Measurement Circuit
●Timing Diagram
Fig.2 Timing Diagram
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Operating current
ICC
-
50
75
μA
VAEN = 2.5V
Standby current
ISTB
-
5
10
μA
VAEN = 0V
AEN input voltage
VAENH
1.55
2
2.45
V
High level input
VAENL
1.35
1.9
2.35
V
Low level input
AEN input current
IAEN
-
3
5
μA
VAEN = 3V
GATE output voltage
VGATE
10
13.5
15
V
VCC=5V
6.6
9.5
9.9
V
VCC=3.3V
6
8.5
9
V
VCC=3V
GATE rise time
TON
-
130
750
μs
CGATE=500pF VCC=3V
VGATE > 4V
GATE fall time
TOFF
-
18
60
μs
CGATE = 500pF VCC=3V
VGATE < 0.5V
DISC discharge resistance
RDISC
-
200
300
VAEN=0V
VCC
DISC
GND
GATE
AEN
BD2270HFV
CGATE
ON/OFF
TON1
TOFF
VAENH
VAENL
VAEN
VCC+1V
0.5V
VGATE
TON2
VCC+2V


Número de pieza similar - BD2270HFV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2270HFV ROHM-BD2270HFV Datasheet
292Kb / 13P
   Controller ICs for High Side NMOSFET
BD2270HFV ROHM-BD2270HFV Datasheet
829Kb / 22P
   Controller ICs for High Side NMOSFET
BD2270HFV-GTR ROHM-BD2270HFV-GTR Datasheet
829Kb / 22P
   Controller ICs for High Side NMOSFET
BD2270HFV-LB ROHM-BD2270HFV-LB Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
BD2270HFV-LBTR ROHM-BD2270HFV-LBTR Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
More results

Descripción similar - BD2270HFV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELMOS Semiconductor AG
E931.98 ELMOS-E931.98 Datasheet
207Kb / 2P
   PIR CONTROLLER IC FOR LOAD SWITCH
logo
Nais(Matsushita Electri...
ST1-DC3V NAIS-ST1-DC3V Datasheet
92Kb / 3P
   IC DRIVABLE PC BOARD RELAY FOR FIELD LOAD SWITCHING
logo
List of Unclassifed Man...
THX203H ETC-THX203H Datasheet
480Kb / 21P
   Switching Power Controller IC
logo
Richtek Technology Corp...
RT9727A RICHTEK-RT9727A Datasheet
157Kb / 9P
   N-MOSFET Load Switch Controller
logo
Vicor Corporation
PI2002 VICOR-PI2002 Datasheet
1Mb / 23P
   Active ORing Controller IC with Load Disconnect Feature
logo
List of Unclassifed Man...
P2808 ETC1-P2808 Datasheet
96Kb / 1P
   Power Controller IC, MOSFET
logo
Rohm
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
logo
Vicor Corporation
PI2061 VICOR-PI2061 Datasheet
1Mb / 16P
   High Side High Voltage Load Disconnect Switch Controller IC
logo
New Japan Radio
NJW4161 NJRC-NJW4161 Datasheet
419Kb / 19P
   MOSFET Drive Switching Regulator IC for Buck Converter
logo
Shenzhen Huazhimei Semi...
HM30N02Q HMSEMI-HM30N02Q Datasheet
713Kb / 6P
   Load switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com