Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD3506F Datasheet(PDF) 7 Page - Rohm

No. de pieza BD3506F
Descripción Electrónicos  Ultra Low Dropout Linear Regulators for PC Chipsets
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD3506F Datasheet(HTML) 7 Page - Rohm

Back Button BD3506F Datasheet HTML 3Page - Rohm BD3506F Datasheet HTML 4Page - Rohm BD3506F Datasheet HTML 5Page - Rohm BD3506F Datasheet HTML 6Page - Rohm BD3506F Datasheet HTML 7Page - Rohm BD3506F Datasheet HTML 8Page - Rohm BD3506F Datasheet HTML 9Page - Rohm BD3506F Datasheet HTML 10Page - Rohm BD3506F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/16
BD3506F
PIN CONFIGRATION
PIN FUNCTION
PIN No.
PIN NAME
PIN FUNCTION
1
EN
Enable Pin
2
VIN
Input Voltage Pin
3
FB
Output Voltage Feedback
4
VCC
Power Source
5
GND
Ground Pin
6
NRCS
NRCS(Non Rush Current on
Start Up) time setup
7
VO1
VO1 Pin
8
VO2
VO2 Pin
BD3506EFV
PIN CONFIGRATION
PIN FUNCTION
PIN No.
PIN NAME
PIN FUNCTION
1
N.C.
Non connection
2
GND1
Ground1 Pin
3
GND2
Ground2 Pin
4
NRCS
NRCS(Non Rush Current on
Start Up) time setup
5
VO1
VO1 Pin
6
VO2
VO2 Pin
7
VO3
VO3 Pin
8
VO4
VO4 Pin
9
VO5
VO5 Pin
10
VO6
VO6 Pin
11
N.C.
Non connection
12
N.C.
Non connection
13
EN
Enable Pin
14
VIN1
Input Voltage1 Pin
15
VIN2
Input Voltage2 Pin
16
FB
Output Voltage Feedback
17
VCC
Power Source
18
N.C.
Non connection
19
N.C.
Non connection
20
GND3
Ground3 Pin
VO1
1
2
3
4
8
7
6
5
EN
VIN
FB
VCC
VO2
NRCS
GND
VIN2
VO1
VO3
VO4
FB
VIN1
EN
1
2
3
4
5
6
7
8
9
1
0
20
19
18
17
16
15
14
13
12
11
VCC
N.C.
GND3
N.C.
N.C.
N.C.
N.C.
GND1
VO2
VO5
VO6
GND2
NRCS


Número de pieza similar - BD3506F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3506F ROHM-BD3506F Datasheet
224Kb / 6P
   1ch Series Regulator Driver IC
BD3506F ROHM-BD3506F Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
More results

Descripción similar - BD3506F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com