Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD3538HFN Datasheet(PDF) 7 Page - Rohm

No. de pieza BD3538HFN
Descripción Electrónicos  Termination Regulators for DDR-SDRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD3538HFN Datasheet(HTML) 7 Page - Rohm

Back Button BD3538HFN Datasheet HTML 3Page - Rohm BD3538HFN Datasheet HTML 4Page - Rohm BD3538HFN Datasheet HTML 5Page - Rohm BD3538HFN Datasheet HTML 6Page - Rohm BD3538HFN Datasheet HTML 7Page - Rohm BD3538HFN Datasheet HTML 8Page - Rohm BD3538HFN Datasheet HTML 9Page - Rohm BD3538HFN Datasheet HTML 10Page - Rohm BD3538HFN Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/10
Evaluation Board
BD3538F/HFN Evaluation Board Circuit
BD3538F/HFN Evaluation Board Application Components
Part No
Value
Company
Parts Name
U1
-
ROHM
BD3538F/HFN
R4
220Ω
ROHM
MCR032200
J1
-
-
C2
10uF
ROHM
MCH218CN106K
C3
1uF
ROHM
MCH184CN105K
C5
10uF
ROHM
MCH218CN106K
C7
220uF
SANYO
2R5TPE220MF
C9
2.2uF
ROHM
MCH188CN225K
C5
GND
BD3538F/HFN
VREF
EN
VCC
VDDQ
VTT_IN
VTTS
VTT
GND
VCC
SW1
J2
R4
C9
C3
C7
C2
2
7
5
6
1
8
3
4
U1
VTT_IN
VCC
VTT
VREF
VDDQ
EN
VTTS
GND


Número de pieza similar - BD3538HFN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3538HFN ROHM-BD3538HFN Datasheet
383Kb / 6P
   Silicon Monolithic Integrated Circuit
BD3538HFN ROHM-BD3538HFN Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538HFN-E2 ROHM-BD3538HFN-E2 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3538HFN-TR ROHM-BD3538HFN-TR Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
More results

Descripción similar - BD3538HFN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
BD9532EKN ROHM-BD9532EKN_08 Datasheet
680Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD9575FV ROHM-BD9575FV Datasheet
586Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD9535MUV ROHM-BD9535MUV_08 Datasheet
786Kb / 19P
   Switching Regulators for DDR-SDRAM Cores
BD9533EKN ROHM-BD9533EKN_08 Datasheet
726Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
logo
List of Unclassifed Man...
BD3530F ETC1-BD3530F Datasheet
185Kb / 2P
   DDR-SDRAM Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com