Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD3539FVM Datasheet(PDF) 2 Page - Rohm

No. de pieza BD3539FVM
Descripción Electrónicos  Termination Regulators for DDR-SDRAMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD3539FVM Datasheet(HTML) 2 Page - Rohm

  BD3539FVM Datasheet HTML 1Page - Rohm BD3539FVM Datasheet HTML 2Page - Rohm BD3539FVM Datasheet HTML 3Page - Rohm BD3539FVM Datasheet HTML 4Page - Rohm BD3539FVM Datasheet HTML 5Page - Rohm BD3539FVM Datasheet HTML 6Page - Rohm BD3539FVM Datasheet HTML 7Page - Rohm BD3539FVM Datasheet HTML 8Page - Rohm BD3539FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BD3539FVM,BD3539NUX
Technical Note
2/11
www.rohm.com
2009.10 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Operating Conditions(Ta=25℃)
Parameter
Symbol
Limit
Unit
MIN
MAX
Input Voltage
VCC
2.7
5.5
V
Termination Input Voltage
VTT_IN
1.0
5.5
V
VDDQ Reference Voltage
VDDQ
1.0
2.75
V
Enable Input Voltage
VEN
-0.3
5.5
V
Electrical Characteristics
(Unless otherwise noted, Ta=25℃, VCC=3.3V, VEN=3V, VDDQ=1.5V, VTT_IN=1.5V)
Parameter
Symbol
Limit
Unit
Condition
MIN
TYP
MAX
Standby Current
IST
-
0.5
1.0
mA
VEN=0V
Bias Current
ICC
-
2
4
mA
VEN=3V
[Enable]
High Level Enable Input Voltage
VENHIGH
2.3
-
5.5
V
Low Level Enable Input Voltage
VENLOW
-0.3
-
0.8
V
Enable Pin Input Current
IEN
-
7
10
µA
VEN=3V
[Termination]
Termination Output Voltage
(DDR3)
VTT3
1/2×VDDQ
-15m
1/2×VDDQ
1/2×VDDQ
+15m
V
ITT=-1.0A to 1.0A
Ta=0℃ to 100℃
Termination Output Voltage
(DDR2)
VTT2
1/2×VDDQ
-30m
1/2×VDDQ
1/2×VDDQ
+30m
V
VCC = 3.3V, VDDQ = 1.8V
VTT_IN = 1.8V
ITT=-1.0A to 1.0A
Ta=0℃ to 100℃
Termination Output Voltage
(DDR1)
VTT1
1/2×VDDQ
-30m
1/2×VDDQ
1/2×VDDQ
+30m
V
VCC = 5.0V, VDDQ = 2.5V
VTT_IN = 2.5V
ITT=-1.0A to 1.0A
Ta=0℃ to 100℃
Source current
ITT+
1.0
-
-
A
Sink current
ITT-
-
-
-1.0
A
Load Regulation
VTT
-
-
30
mV
ITT=-1.0A to 1.0A
Upper Side ON Resistance
HRON
-
0.35
0.65
Ω
Lower Side ON Resistance
LRON
-
0.35
0.65
Ω
[VDDQ]
Input Impedance
ZVDDQ
140
200
260
[VREF]
Output Voltage
VREF
1/2×VDDQ
-15m
1/2×VDDQ
1/2×VDDQ
+15m
V
IREF=-25mA to 25mA
Ta=0℃ to 100℃
[UVLO]
Threshold Voltage
VUVLO
2.30
2.45
2.60
V
VCC : sweep up
Hysteresis Voltage
VUVLO
100
160
220
mV
VCC : sweep down


Número de pieza similar - BD3539FVM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD35390FJ-E2 ROHM-BD35390FJ-E2 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD35395FJ-M ROHM-BD35395FJ-M Datasheet
697Kb / 19P
   Incorporates an enabler
More results

Descripción similar - BD3539FVM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com