Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD4154FV Datasheet(PDF) 11 Page - Rohm

No. de pieza BD4154FV
Descripción Electrónicos  Power Switch IC for ExpressCardTM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD4154FV Datasheet(HTML) 11 Page - Rohm

Back Button BD4154FV_09 Datasheet HTML 7Page - Rohm BD4154FV_09 Datasheet HTML 8Page - Rohm BD4154FV_09 Datasheet HTML 9Page - Rohm BD4154FV_09 Datasheet HTML 10Page - Rohm BD4154FV_09 Datasheet HTML 11Page - Rohm BD4154FV_09 Datasheet HTML 12Page - Rohm BD4154FV_09 Datasheet HTML 13Page - Rohm BD4154FV_09 Datasheet HTML 14Page - Rohm BD4154FV_09 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
BD4154FV
Technical Note
11/15
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Application Circuit (Circuit for ExpressCard
TM Compliance Checklist)
Heat loss
Thermal design should allow the device to operate within the following conditions. Note that the temperatures listed are the
allowed temperature limits. Thermal design should allow sufficient margin from these limits.
1. Ambient temperature Ta can be no higher than 100°C.
2. Chip junction temperature Tj can be no higher more than 150°C.
Chip junction temperature Tj can be determined as follows:
Chip junction temperature Tj is calculated from IC surface temperature TC under actual application conditions:
Tj=TC+θj-cxW
Reference value>
θj-c:SSOP-B20
35/W
Chip junction temperature Tj is calculated from ambient temperature Ta:
Tj=TC+θj-axW
Reference value>
θ
j-a:SSOP-B20
250℃/W
(IC only)
153.8℃/W Single-layer substrate
(substrate surface copper foil area: less than 3%)
Most of heat loss in the BD4154FV occurs at the output switch. The power lost is determined by multiplying the
on-resistance by the square of output current of each switch.
CPPE#(12pin)
CPUSB#(11pin)
V3(6,7pin)
V3AUX(17pin)
V15(13,14pin)
PERST#(8pin)
RCLKEN(19pin)
V3_IN(4,5pin)
V3AUX_IN(18pin)
V15_IN(15,16pin)
PERST_IN#(1pin)
EN(2pin)
SYSR(3pin)
CPPE#(1)
CPUSB#(2)
3.3V(3)
3.3Vaux(4)
1.5V(5)
PERST#(6)
3.3V(7)
3.3Vaux(8)
1.5V(9)
SysReset#(10)
BD4154FV
GND(10pin)


Número de pieza similar - BD4154FV_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD4154FV ROHM-BD4154FV_10 Datasheet
438Kb / 16P
   Power Switch IC for ExpressCard
More results

Descripción similar - BD4154FV_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD4155FV ROHM-BD4155FV_09 Datasheet
482Kb / 17P
   Power Switch IC for ExpressCardTM
BD4157MUV ROHM-BD4157MUV Datasheet
511Kb / 25P
   Power Switch IC for ExpressCardTM
BD4156MUV ROHM-BD4156MUV_09 Datasheet
506Kb / 24P
   Power Switch for ExpressCardTM
logo
STMicroelectronics
STMEC001 STMICROELECTRONICS-STMEC001 Datasheet
245Kb / 19P
   Power interface switch for ExpressCardTM
logo
Rohm
BD4153FV ROHM-BD4153FV_09 Datasheet
689Kb / 18P
   Power Switch ICs for ExpressCardTM
BD4154FV ROHM-BD4154FV_10 Datasheet
438Kb / 16P
   Power Switch IC for ExpressCard
BD4155FV ROHM-BD4155FV_10 Datasheet
473Kb / 17P
   Power Switch IC for ExpressCard
logo
Fujitsu Component Limit...
MB3841 FUJITSU-MB3841 Datasheet
122Kb / 17P
   Power Management Switch IC
logo
Rohm
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com