Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD4155FV Datasheet(PDF) 10 Page - Rohm

No. de pieza BD4155FV
Descripción Electrónicos  Power Switch IC for ExpressCardTM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD4155FV Datasheet(HTML) 10 Page - Rohm

Back Button BD4155FV_09 Datasheet HTML 6Page - Rohm BD4155FV_09 Datasheet HTML 7Page - Rohm BD4155FV_09 Datasheet HTML 8Page - Rohm BD4155FV_09 Datasheet HTML 9Page - Rohm BD4155FV_09 Datasheet HTML 10Page - Rohm BD4155FV_09 Datasheet HTML 11Page - Rohm BD4155FV_09 Datasheet HTML 12Page - Rohm BD4155FV_09 Datasheet HTML 13Page - Rohm BD4155FV_09 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
BD4155FV
Technical Note
10/16
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
BD4155FV Evaluation Board
BD4155FV Evaluation Board Application Components
Part No
Value
Company
Part Name
Part No
Value
Company
Part Name
R1
0Ω
ROHM
MCR03series
C1
-
-
-
R1a
100kΩ
ROHM
MCR03series
C2
-
-
-
R2
0Ω
ROHM
MCR03series
C3
-
-
-
R2a
100kΩ
ROHM
MCR03series
C4
1μF
ROHM
MCH213CN105K
R3
0Ω
ROHM
MCR03series
C6
10μF
ROHM
MCH218CN106K
R3a
100kΩ
ROHM
MCR03series
C9
-
-
-
R9
0Ω
ROHM
MCR03series
C11
-
-
-
R9a
100kΩ
ROHM
MCR03series
C12
-
-
-
R11
0Ω
ROHM
MCR03series
C13
10μF
ROHM
MCH218CN 106K
R11a
-
-
-
C15
1μF
ROHM
MCH213CN 105K
R12
0Ω
ROHM
MCR03series
C17
1μF
ROHM
MCH213CN 105K
R12a
-
-
-
C18
0.1μF
ROHM
MCH182CN104K
R19
10kΩ
ROHM
MCR03series
C20
-
-
-
R20
0Ω
ROHM
MCR03series
R20a
100kΩ
ROHM
MCR03series
2
3
6
7
9
10
C6
GND
V3(S)
V3
20
19
18
17
16
15
14
13
12
11
GND
C17
C18
V3AUX_IN
V3AUX_IN
V3AUX
PLL_CLKREQ#
V3AUX_IN(S)
V3AUX(S)
GND
C15
GND
V15_IN
V15_IN(S)
GND
SW2
R2
GND
EC_RST#
V3AUX_IN
R2a
C2
SW3
V3AUX_IN
GND
R3
GND
SYSR
R3a
C3
1
SW1
R1
GND
PLT_RST#
V3AUX_IN
R1a
C1
GND
8
PERST #
GND
SW9
R9
GND
EC_CLKEN#
V3AUX_IN
R9a
C9
GND
C4
GND
4
5
V3_IN(S)
V3_IN
SW11
R11
GND
CPUSB#
V3AUX_IN
R11a
C11
GND
SW12
R12
GND
CPPE#
V3AUX_IN
R12a
C12
GND
C13
GND
V15
V15(S)
SW20
R20
GND
EC_CLKREQ#
V3AUX_IN
R20a
C20
GND
V3AUX_IN
R19
SSOP-B20
U1
PLT_RST#
EC_RST#
SYSR
V3_IN1
V3_IN2
V3_1
V3_2
PERST#
EC_CLKEN#
GND
EC_CLKREQ#
PLL_CLKREQ#
V3AUX_IN1
V3AUX
V15_IN2
V15_IN1
V15_2
V15_1
CPPE#
CPUSB#
BD4155FV


Número de pieza similar - BD4155FV_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD4155FV ROHM-BD4155FV_10 Datasheet
473Kb / 17P
   Power Switch IC for ExpressCard
More results

Descripción similar - BD4155FV_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD4154FV ROHM-BD4154FV_09 Datasheet
462Kb / 16P
   Power Switch IC for ExpressCardTM
BD4157MUV ROHM-BD4157MUV Datasheet
511Kb / 25P
   Power Switch IC for ExpressCardTM
BD4156MUV ROHM-BD4156MUV_09 Datasheet
506Kb / 24P
   Power Switch for ExpressCardTM
logo
STMicroelectronics
STMEC001 STMICROELECTRONICS-STMEC001 Datasheet
245Kb / 19P
   Power interface switch for ExpressCardTM
logo
Rohm
BD4153FV ROHM-BD4153FV_09 Datasheet
689Kb / 18P
   Power Switch ICs for ExpressCardTM
BD4154FV ROHM-BD4154FV_10 Datasheet
438Kb / 16P
   Power Switch IC for ExpressCard
BD4155FV ROHM-BD4155FV_10 Datasheet
473Kb / 17P
   Power Switch IC for ExpressCard
logo
Fujitsu Component Limit...
MB3841 FUJITSU-MB3841 Datasheet
122Kb / 17P
   Power Management Switch IC
logo
Rohm
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com