Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD4155FV Datasheet(PDF) 2 Page - Rohm

No. de pieza BD4155FV
Descripción Electrónicos  Power Switch IC for ExpressCardTM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD4155FV Datasheet(HTML) 2 Page - Rohm

  BD4155FV_09 Datasheet HTML 1Page - Rohm BD4155FV_09 Datasheet HTML 2Page - Rohm BD4155FV_09 Datasheet HTML 3Page - Rohm BD4155FV_09 Datasheet HTML 4Page - Rohm BD4155FV_09 Datasheet HTML 5Page - Rohm BD4155FV_09 Datasheet HTML 6Page - Rohm BD4155FV_09 Datasheet HTML 7Page - Rohm BD4155FV_09 Datasheet HTML 8Page - Rohm BD4155FV_09 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
BD4155FV
Technical Note
2/16
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
Input Voltage
V3AUX_IN, V3_IN, V15_IN
-0.3~+5.0
*1
V
Logic Input Voltage
CPPE#,CPUSB#,SYSR,EC_CLKREQ#,
EC_CLKEN#,EC_RST#,PLT_RST#
-0.3~V3AUX_IN+0.3
*1
V
Logic Output Voltage
PERST#
-0.3~V3AUX_IN+0.3
V
Logic Output applied Voltage
PLL_CLKREQ#
-0.3~+5.0
V
Output Voltage
V3AUX,V3, V15
-0.3~+5.0 *
1
V
Output current 1
IOV3AUX
1.0
A
Output current 2
IOV3
2.0
A
Output current 3
IOV15
2.0
A
Power Dissipation 1
Pd1
500
*2
mW
Power Dissipation 2
Pd2
812.5
*3
mW
Operating Temperature Range
Topr
-40~+100
Storage Temperature Range
Tstg
-55~+150
Maximum Junction Temperature
Tjmax
+150
*1 Not to exceed Pd.
*2 Reduced by 4.0mW for each increase in Ta of 1℃ over 25℃
*3 Reduced by 6.5mW for each increase in Ta of 1℃ over 25℃(When mounted on a board 70mmx70mmx1.6mm Glass-epoxy PCB).
Operating Conditions (Ta=25℃)
Parameter
Symbol
MIN
MAX
Unit
Input Voltage 1
V3AUX_IN
3.0
3.6
V
Input Voltage 2
V3_IN
3.0
3.6
V
Input Voltage 3
V15_IN
1.35
1.65
V
Logic Input Voltage
CPPE#,CPUSB#,SYSR,EC_CLKREQ#,
EC_CLKEN#,EC_RST#,PLT_RST#
0
V3AUX_IN
V
Logic Output Voltage 1
PERST#
0
V3AUX_IN
V
Logic Output Voltage 2
PLL_CLKREQ#
0
3.6
V
Output current 1
IOV3AUX
0
275
mA
Output current 2
IOV3
0
1.3
A
Output current 3
IOV15
0
650
mA
* This product is not designed to offer protection against radioactive rays.


Número de pieza similar - BD4155FV_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD4155FV ROHM-BD4155FV_10 Datasheet
473Kb / 17P
   Power Switch IC for ExpressCard
More results

Descripción similar - BD4155FV_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD4154FV ROHM-BD4154FV_09 Datasheet
462Kb / 16P
   Power Switch IC for ExpressCardTM
BD4157MUV ROHM-BD4157MUV Datasheet
511Kb / 25P
   Power Switch IC for ExpressCardTM
BD4156MUV ROHM-BD4156MUV_09 Datasheet
506Kb / 24P
   Power Switch for ExpressCardTM
logo
STMicroelectronics
STMEC001 STMICROELECTRONICS-STMEC001 Datasheet
245Kb / 19P
   Power interface switch for ExpressCardTM
logo
Rohm
BD4153FV ROHM-BD4153FV_09 Datasheet
689Kb / 18P
   Power Switch ICs for ExpressCardTM
BD4154FV ROHM-BD4154FV_10 Datasheet
438Kb / 16P
   Power Switch IC for ExpressCard
BD4155FV ROHM-BD4155FV_10 Datasheet
473Kb / 17P
   Power Switch IC for ExpressCard
logo
Fujitsu Component Limit...
MB3841 FUJITSU-MB3841 Datasheet
122Kb / 17P
   Power Management Switch IC
logo
Rohm
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com