Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA155E1 Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA155E1
Descripción Electrónicos  SAW Filter 155MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA155E1 Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA155E1 Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA155E1 Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA155E1 Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA155E1 Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter155 MHz
MODEL NO.: TA155E1
REV. NO.:2
A. MAXIMUM RATING:
1.Input Power Level: 0 dB
2.DC voltage: 10 V.
3.Storage Temperature: -40°C to +85 °C.
4.Operating Temperature: -10 °C to +50 °C
B. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency, Fo
MHz
-
155
-
Insertion Loss, IL (FC± 4 MHz)
dB
-
-
6.5
Attenuation (Reference level from 0 dB)
dB
FC - 100MHz to -38.8MHz
dB
50
-
-
FC +38.8MHz to + 100MHz
dB
42
-
-
Input/Output Impedance at FC
Ω ||pF Zin: 210 // 12 ; Zout = 210 // 12
Note1. The standard definitions is in JIS C 6703
Note2.
ZIN=210Ω // 12pF
ZOUT=210Ω // 12pF
Source im pedance
50
Load impedance
50


Número de pieza similar - TA155E1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pico Technology Ltd.
TA155 PICO-TA155 Datasheet
6Mb / 28P
   PC oscilloscopes and MSOs
logo
Transko Electronics, In...
TA15509AD1 TRANSKO-TA15509AD1 Datasheet
632Kb / 4P
   155.0 MHz IF SAW Filter / 9.39 MHz Bandwidth
Revision 0: 12. Jan. 2012
TA15509BD TRANSKO-TA15509BD Datasheet
694Kb / 4P
   155.0MHz IF SAW Filter / 9.29MHz MHz Bandwidth
Revision 0: 18. Jan. 2012
logo
TAI-SAW TECHNOLOGY CO.,...
TA1550A TAI-SAW-TA1550A Datasheet
155Kb / 9P
   SAW Filter 1994.6 MHz
TA1553A TAI-SAW-TA1553A Datasheet
217Kb / 7P
   SAW Filter 1581 MHz
More results

Descripción similar - TA155E1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SIPAT Co,Ltd
LBN15504 SIPAT-LBN15504 Datasheet
137Kb / 3P
   155MHz SAW Filter 60MHz Bandwidth
LBN15504 SIPAT-LBN15504 Datasheet
137Kb / 3P
   155MHz SAW Filter 60MHz Bandwidth
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_1 Datasheet
980Kb / 13P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKMSOP8 ROITHNER-HKMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_15 Datasheet
422Kb / 10P
   155MHz LASER SWITCH
IC-HB ICHAUS-IC-HB_13 Datasheet
1Mb / 8P
   TRIPLE 155MHz LASER SWITCH
IC-HB ICHAUS-IC-HB Datasheet
586Kb / 8P
   TRIPLE 155MHz LASER SWITCH
IC-HK ICHAUS-IC-HK Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKSO8-TP ROITHNER-HKSO8-TP Datasheet
322Kb / 8P
   155MHz LASER SWITCH
HKBMSOP8 ROITHNER-HKBMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com