Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA0169A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA0169A
Descripción Electrónicos  SAW Filter 836.5MHz SMD 3.0횞3.0
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0169A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0169A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0169A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0169A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0169A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0169A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0169A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
D.Reflections Functions :
S11:
S22:


Número de pieza similar - TA0169A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Golledge Electronics Lt...
TA0169A GOLLEDGE-TA0169A Datasheet
81Kb / 5P
   SAW Filter 836.5MHz
More results

Descripción similar - TA0169A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Abracon Corporation
AFS836.5W01-TS4 ABRACON-AFS836.5W01-TS4 Datasheet
189Kb / 1P
   SMD 836.5MHz SAW FILTER
logo
TAI-SAW TECHNOLOGY CO.,...
TA0183A TAI-SAW-TA0183A Datasheet
785Kb / 6P
   SAW Filter 836.5MHz SMD 2.5횞2.0mm
TA0968A TAI-SAW-TA0968A Datasheet
387Kb / 7P
   SAW Filter 836.5MHz
TA0394A TAI-SAW-TA0394A Datasheet
1Mb / 6P
   SAW Filter 942.5MHz SMD 3.0횞3.0
logo
Golledge Electronics Lt...
MA05421 GOLLEDGE-MA05421 Datasheet
81Kb / 5P
   SAW Filter 836.5MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0495A TAI-SAW-TA0495A Datasheet
247Kb / 7P
   SAW Filter 915MHz SMD 3.0횞3.0 mm
TA0292A TAI-SAW-TA0292A Datasheet
268Kb / 5P
   SAW Filter 1220MHz SMD 3.0횞3.0 mm
TA0296A TAI-SAW-TA0296A Datasheet
627Kb / 6P
   SAW Filter 869MHz SMD 3.0횞3.0 mm
TA1692A TAI-SAW-TA1692A Datasheet
222Kb / 8P
   SAW Filter 836.5MHz 25MHz BW SMD 1.4X1.1 mm
TA1691A TAI-SAW-TA1691A Datasheet
223Kb / 8P
   SAW Filter 836.5MHz 25MHz BW SMD 1.4X1.1 mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com