Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA0223A Datasheet(PDF) 8 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA0223A
Descripción Electrónicos  SAW Filter 2441.8 MHz for Bluetooth
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0223A Datasheet(HTML) 8 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0223A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0223A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0223A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0223A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0223A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0223A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0223A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA0223A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
8
TST DCC
Release document
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Time (Sec)
H. RECOMMENDED REFLOW PROFILE :


Número de pieza similar - TA0223A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA0223A TAI-SAW-TA0223A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TA0223A GOLLEDGE-TA0223A Datasheet
246Kb / 5P
   SAW Filter 2441.8MHz for Bluetooth
More results

Descripción similar - TA0223A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA0223C TAI-SAW-TA0223C Datasheet
259Kb / 8P
   SAW Filter 2441.8 MHz for Bluetooth
TA0223B TAI-SAW-TA0223B Datasheet
412Kb / 9P
   SAW Filter 2441.8 MHz for Bluetooth
logo
TriQuint Semiconductor
855916 TRIQUINT-855916_15 Datasheet
363Kb / 6P
   2441.8 MHz SAW Filter
logo
RF Monolithics, Inc
SF2124E RFM-SF2124E Datasheet
918Kb / 5P
   2441.8 MHz SAW Filter
logo
TriQuint Semiconductor
855916 TRIQUINT-855916 Datasheet
493Kb / 5P
   2441.8 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2124E MURATA-SF2124E Datasheet
317Kb / 5P
   2441.8 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF2442BA02648S SPECTRUM-SF2442BA02648S Datasheet
262Kb / 3P
   2441.8 MHz SAW Filter 120.5 MHz Bandwidth
logo
API Technologies Corp
SF2442BA02648S APITECH-SF2442BA02648S Datasheet
262Kb / 3P
   2441.8 MHz SAW Filter 120.5 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0532A TAI-SAW-TA0532A Datasheet
412Kb / 6P
   SAW Filter 2441.8 MHz SMD 3X3 mm
TA0223D TAI-SAW-TA0223D Datasheet
222Kb / 7P
   SAW Filter 2441.8 MHz 83.5MHz SMD 3.0X3.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com