Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA0355A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA0355A
Descripción Electrónicos  SAW Filter 1216.88 MHz SMD 3.0횞3.0mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0355A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0355A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0355A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0355A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0355A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0355A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1216.88 MHz
MODEL NO.: TA0355A
REV. NO.2
A. MAXIMUM RATING:
1.Operating Temperature: 35
°C ~ 75°C
2.Storage Temperature: -40(C ~ +85(C
B. Characteristics :
Balanced to Balanced operation
Terminating source impedance :
Zs = 200 Ω
Terminating load impedance :
ZL = 200 Ω
Value
Characteristics
Min.
Typ.
Max.
Unit
Center frequency
FC
-
1216.88
-
MHz
Insertion loss 1212.88~1220.88 MHz
I.L.
-
3.7
5.0
dB
Ripple
1212.88~1220.88 MHz
-
0.8
1.6
dB
Bandwidth
BW-3dB
19.6
20.7
Attenuation:( Reference level from 0 dB)
1) 500…Fc-91MHz
51
57
-
dB
2)Fc-91…Fc-85 MHz
51
57
-
dB
3)Fc-76…Fc-68 MHz
50
56
-
dB
5)
Fc-88 MHz
51
57
-
dB
6)
Fc-72 MHz
50
56
-
dB
7)
Fc-44 MHz
50
56
-
dB
8)
Fc-36 MHz
47
56
-
dB
9)Fc+60…2000 MHz
48
54
-
dB
Group delay ripple (1212.88~1220.88MHz)
-
14
-
ns
C. MEASUREMENT CIRCUIT:
D. Frequency Characteristics :


Número de pieza similar - TA0355A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Golledge Electronics Lt...
TA0355A GOLLEDGE-TA0355A Datasheet
375Kb / 4P
   SAW Filter 1216.880MHz
More results

Descripción similar - TA0355A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA0288A TAI-SAW-TA0288A Datasheet
271Kb / 5P
   SAW Filter 1216.88 MHz SMD 3.0횞3.0mm
TA0438A TAI-SAW-TA0438A Datasheet
270Kb / 6P
   SAW Filter 810 MHz SMD 3.0횞3.0mm
TA2211A TAI-SAW-TA2211A Datasheet
742Kb / 7P
   SAW Filter 915 MHz SMD 3.0횞3.0mm
TA2403A TAI-SAW-TA2403A Datasheet
751Kb / 7P
   SAW Filter 2700 MHz SMD 3.0횞3.0mm
TA2432A TAI-SAW-TA2432A Datasheet
739Kb / 7P
   SAW Filter 1457 MHz SMD 3.0횞3.0mm
TA2493A TAI-SAW-TA2493A Datasheet
727Kb / 7P
   SAW Filter 1176.45 MHz SMD 3.0횞3.0mm
TA0364A TAI-SAW-TA0364A Datasheet
275Kb / 5P
   SAW Filter 1216 MHz SMD 3.0횞3.0mm
TA2417A TAI-SAW-TA2417A Datasheet
777Kb / 8P
   SAW Filter 845 MHz SMD 3.0횞3.0mm
TA2493B TAI-SAW-TA2493B Datasheet
727Kb / 7P
   SAW Filter 1176.45 MHz (BW 20.44 MHz) SMD 3.0횞3.0mm
TA2311A TAI-SAW-TA2311A Datasheet
1,008Kb / 7P
   SAW Filter 2332.5 MHz(BW 25MHz) SMD 3.0횞3.0mm
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com