Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA0363A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA0363A
Descripción Electrónicos  SAW Filter 1842.5 MHz SMD 3X3 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0363A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0363A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0363A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0363A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0363A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0363A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0363A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0363A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1842.5 MHz for Mobile Communication
MODEL NO.: TA0363A
REV. NO.:1
A1. MAXIMUM RATING:
1.Input Power Level: 13 dBm
2.DC voltage: 0 V
3.Operating Temperature: 25
°C
4.Storage Temperature: -40
°C to +85°C
B1. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency
Fc
(MHz)
-
1842.5
-
Insertion loss (1805~1880 MHz)
IL
(dB)
-
2.2
3.8
Amplitude ripple (1805~1880 MHz)
(dB)
-
1.3
2.3
Attenuation (Reference level from 0 dB)
D.C. ~ 1500
MHz
(dB)
20.0
24.5
-
1500 ~ 1710
MHz
(dB)
22.0
25.0
-
1710 ~ 1785
MHz
(dB)
10.0
23.5
-
1920 ~ 3120
MHz
(dB)
25.0
28.0
-
3120 ~ 4000
MHz
(dB)
17.0
30.0
-
Input/Output VSWR (1805~1880 MHz)
-
1.9
2.1
Source impedance
Zs
(
Ω)
-
50
-
Load impedance
ZL
(
Ω)
-
50
-
RoHS Compliant
Lead free
Lead-free soldering


Número de pieza similar - TA0363A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Golledge Electronics Lt...
TA0363A GOLLEDGE-TA0363A Datasheet
76Kb / 6P
   SAW Filter 1842.50MHz
More results

Descripción similar - TA0363A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA0363F TAI-SAW-TA0363F Datasheet
257Kb / 7P
   SAW Filter 1842.5 MHz SMD 3X3 mm
TA0762A TAI-SAW-TA0762A Datasheet
508Kb / 7P
   SAW Filter 1747.5 MHz SMD 3X3 mm
TA0465A TAI-SAW-TA0465A Datasheet
404Kb / 6P
   SAW Filter 2160 MHz SMD 3X3 mm
TA0515A TAI-SAW-TA0515A Datasheet
562Kb / 7P
   SAW Filter 2345 MHz SMD 3X3 mm
TA0315A TAI-SAW-TA0315A Datasheet
257Kb / 7P
   SAW Filter 1575.42 MHz SMD 3X3 mm
TA0222A TAI-SAW-TA0222A Datasheet
499Kb / 8P
   SAW Filter 2442 MHz SMD 3X3 mm
TA0273A TAI-SAW-TA0273A Datasheet
465Kb / 7P
   SAW Filter 2332.5 MHz SMD 3X3 mm
TA0175H TAI-SAW-TA0175H Datasheet
421Kb / 7P
   SAW Filter 1960 MHz SMD 3X3 mm
TA0494A TAI-SAW-TA0494A Datasheet
409Kb / 6P
   SAW Filter 897.5 MHz SMD 3X3 mm
TA0254A TAI-SAW-TA0254A Datasheet
462Kb / 7P
   SAW Filter 930 MHz SMD 3X3 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com