Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA0463A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA0463A
Descripción Electrónicos  SAW Filter 925MHz SMD 3.8횞3.8mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0463A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0463A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0463A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0463A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0463A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0463A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 925 MHz
MODEL NO.: TA0463A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 5 V
3.Operating Temperature: -20
°C to 75°C
4.Storage Temperature: -40
°C to +85°C
B. CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency
Fc
MHz
-
925
-
Insertion loss
922 ~ 928 MHz IL
(dB)
-
2.9
4.2
Amplitude ripple
922 ~ 928 MHz
(dB)
-
0.4
2.0
Attenuation ( Reference level from 0dB )
775 ~
835 MHz
(dB)
40
54
-
835 ~
895 MHz
(dB)
36
54
-
970 ~
992 MHz
(dB)
36
51
-
992 ~ 1075 MHz
(dB)
38
52
-
Source impedance
Zs
(Ω)-
50
-
Load impedance
ZL
(Ω)-
50
-
Note1. No matching network required for operation at 50Ω
RoHS Compliant
Lead free
Lead-free soldering


Número de pieza similar - TA0463A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Golledge Electronics Lt...
TA0463A GOLLEDGE-TA0463A Datasheet
198Kb / 4P
   SAW Filter 925.0MHz
More results

Descripción similar - TA0463A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA0754A TAI-SAW-TA0754A Datasheet
299Kb / 6P
   SAW Filter 925MHz SMD 3.0횞3.0mm
TA0538A TAI-SAW-TA0538A Datasheet
522Kb / 5P
   SAW Filter 868.6MHz SMD 3.8횞3.8mm
TA0706A TAI-SAW-TA0706A Datasheet
372Kb / 6P
   SAW Filter 426MHz SMD 3.8횞3.8mm
TA0736A TAI-SAW-TA0736A Datasheet
607Kb / 6P
   SAW Filter 800MHz SMD 3.8횞3.8mm
TA0594A TAI-SAW-TA0594A Datasheet
317Kb / 7P
   SAW Filter 441.265MHz SMD 3.8횞3.8mm
TA0655A TAI-SAW-TA0655A Datasheet
366Kb / 6P
   SAW Filter 430MHz SMD 3.8횞3.8mm
TA0708A TAI-SAW-TA0708A Datasheet
372Kb / 6P
   SAW Filter 433.5MHz SMD 3.8횞3.8mm
TA0692A TAI-SAW-TA0692A Datasheet
346Kb / 6P
   SAW Filter 433MHz SMD 3.8횞3.8mm
TA0450A TAI-SAW-TA0450A Datasheet
1Mb / 6P
   SAW Filter 802MHz SMD 3.8횞3.8mm
TA0593A TAI-SAW-TA0593A Datasheet
318Kb / 7P
   SAW Filter 428.835MHz SMD 3.8횞3.8mm
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com