Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD35281HFN Datasheet(PDF) 2 Page - Rohm

No. de pieza BD35281HFN
Descripción Electrónicos  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD35281HFN Datasheet(HTML) 2 Page - Rohm

  BD35281HFN Datasheet HTML 1Page - Rohm BD35281HFN Datasheet HTML 2Page - Rohm BD35281HFN Datasheet HTML 3Page - Rohm BD35281HFN Datasheet HTML 4Page - Rohm BD35281HFN Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. A
○ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, Ta=25℃ VCC=5V VEN=3V VIN=1.7V)
PARAMETER
SYMBOL
LIMIT
UNIT
CONDITIONS
MIN
TYP
MAX
Bias current
ICC
-
0.7
1.2
mA
Shut-Down Mode Current
IST
-
0
10
μA
VEN=0V
Maximum Output Current
IO
1.5
-
-
A
Output Voltage 1
VOS1
1.188
1.200
1.212
V
Output Voltage 2
VOS2
1.176
1.200
1.224
V
Tj=-10 to 100℃
Load Regulation
REG.L
-
0.5
10
mV
Io=0 to 1.5A
Line Regulation 1
REG.l1
-
0.1
0.5
%/V
VCC=4.3V to 5.5V
Line Regulation 2
REG.l2
-
0.1
0.5
%/V
VIN=1.5V to 3.3V
Output ON Resistance
Ron
-
100
150
VIN=1.2V Tj=-10 to 100℃
Standby Discharge Current
IDEN
1
-
-
mA
VEN=0V, Vo=1V
[Enable]
High level Enable Input Voltage
ENHIGH
2
-
-
V
Low level Enable Input Voltage
ENLOW
0
-
0.8
V
Enable pin Input Current
IEN
-
7
10
μA
VEN=3V
[NRCS]
NRCS Charge Current
INRCS
12
20
28
μA
NRCS Standby Voltage
VSTB
-
0
50
mV
VEN=0V
[UVLO]
VCC UVLO Threshold Voltage
VCCUVLO
3.5
3.8
4.1
V
VCC:Sweep-up
VCC UVLO Hysterisis Voltage
VCCHYS
100
160
220
mV
VCC:Sweep-down
VIN UVLO Threshold Voltage
VINUVLO
0.72
0.84
0.96
V
VIN:Sweep-up
[SCP]
SCP Start-up Voltage
VSCP
VO×0.3
VO×0.4
VO×0.5
V
SCP Delay Time
TSCP
45
90
200
μs


Número de pieza similar - BD35281HFN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD35281HFN ROHM-BD35281HFN Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD35281HFN-TR ROHM-BD35281HFN-TR Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
More results

Descripción similar - BD35281HFN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com