Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA0701A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA0701A
Descripción Electrónicos  SAW Filter 414MHz F-11
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0701A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0701A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0701A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0701A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0701A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 414 MHz
MODEL NO.: TA0701A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 10 V
3.Operating Temperature: -10
°C to +50°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Type.
Max.
Note
Center frequency, Fc
MHz
-
414
-
Insertion Loss, IL(Within
Fc±4MHz)
dB
-
2.4
4.5
Ripple(Within Fc±4MHz)
dB
-
0.3
2.5
Attenuation:(Reference level from 0dB)
Fc -100 to –40.8 MHz
dB
48
53
-
Fc +40 to +100 MHz
dB
42
50
-
Impedance at Fc:Input ZIN = RIN // CIN
Output Zout = Rout // Cout
Ω
50Ω//0pF
50Ω//0pF
ZIN=50Ω // 0pF
ZOUT=50Ω // 0pF
Source im pedance
50
Load impedance
50
RoHS Compliant
Lead-free soldering


Número de pieza similar - TA0701A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transko Electronics, In...
TA07010BD1 TRANSKO-TA07010BD1 Datasheet
518Kb / 4P
   70.0 MHz IF SAW Filter / 10.40 MHz Bandwidth
Revision 0: 24 Nov. 2008
TA07014AD1 TRANSKO-TA07014AD1 Datasheet
623Kb / 4P
   70.0 MHz IF SAW Filter / 14.0 MHz Bandwidth
Revision 0: 27 Dec. 2007
TA07014AV TRANSKO-TA07014AV Datasheet
583Kb / 4P
    70.0 MHz IF SAW Filter / 14.37 MHz Bandwidth
Revision 0: 22 May 2008
TA07014DV TRANSKO-TA07014DV Datasheet
485Kb / 4P
   70.0 MHz IF SAW Filter / 14.90 MHz Bandwidth
Revision 0: 09. JAN. 2009
TA07015AD1 TRANSKO-TA07015AD1 Datasheet
516Kb / 4P
   70.0 MHz IF SAW Filter / 15.35 MHz Bandwidth
Revision 0: 24 Nov. 2008
More results

Descripción similar - TA0701A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA0826A TAI-SAW-TA0826A Datasheet
270Kb / 4P
   SAW Filter 504MHz F-11
TB0550A TAI-SAW-TB0550A Datasheet
285Kb / 4P
   SAW Filter 173.075 MHz F-11
TB0548A TAI-SAW-TB0548A Datasheet
284Kb / 4P
   SAW Filter 165.45 MHz F-11
TB0549A TAI-SAW-TB0549A Datasheet
281Kb / 4P
   SAW Filter 169.2 MHz F-11
TB0547A TAI-SAW-TB0547A Datasheet
284Kb / 4P
   SAW Filter 164.175 MHz F-11
logo
API Technologies Corp
SF0434BA02507S APITECH-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0434BA02507S SPECTRUM-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
logo
API Technologies Corp
SF0869BA02588S APITECH-SF0869BA02588S Datasheet
169Kb / 3P
   869 MHz SAW Filter 11 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0869BA02588S SPECTRUM-SF0869BA02588S Datasheet
169Kb / 3P
   869 MHz SAW Filter 11 MHz Bandwidth
logo
Oscilent Corporation
803-RF491.2M-A OSCILENT-803-RF491.2M-A Datasheet
528Kb / 3P
   CDMA450(F-Band), RF-Rx SAW Filter
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com