Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC5670 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza DAC5670
Descripción Electrónicos  14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DAC5670 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC5670 Datasheet HTML 4Page - Texas Instruments DAC5670 Datasheet HTML 5Page - Texas Instruments DAC5670 Datasheet HTML 6Page - Texas Instruments DAC5670 Datasheet HTML 7Page - Texas Instruments DAC5670 Datasheet HTML 8Page - Texas Instruments DAC5670 Datasheet HTML 9Page - Texas Instruments DAC5670 Datasheet HTML 10Page - Texas Instruments DAC5670 Datasheet HTML 11Page - Texas Instruments DAC5670 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
DAC5670
SGLS394 – MARCH 2010
www.ti.com
AC Electrical Characteristics
TC,MIN = –40°C to TC,MAX = 85°C, typical values at 25°C, AVDD = 3 V to 3.6 V, IoutFS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Analog Output
fDAC
Maximum output update
2.4
GSPS
rate
ts(DAC)
Output setting time to
Mid-scale transition
3.5
ns
0.1%
tpd
7 DACCLK
Output propagation delay
+ 1.5 ns
tr(IOUT)
Output rise time, 10% to
280
ps
90%
tf(IOUT)
Output fall time, 90% to
280
ps
10%
AC Performance
fDAC = 2.4 GSPS, fOUT = 100 MHz, Dual-port
47
55
mode, 0 dBFS
fDAC = 2.4 GSPS, fOUT = 200 MHz, Dual-port
38
51
mode, 0 dBFS
Spurious-free dynamic
fDAC = 2.4 GSPS, fOUT = 300 MHz, Dual-port
SFDR
37
41
dBc
range
mode, 0 dBFS
fDAC = 2.4 GSPS, fOUT = 500 MHz, Dual-port
44
50
mode, 0 dBFS
fDAC = 2.4 GSPS, fOUT = 500 MHz, Dual-port
47
mode, –6 dBFS
fDAC = 2.4 GSPS, fOUT = 100 MHz, Dual-port
63
70
mode, 0 dBFS
fDAC = 2.4 GSPS, fOUT = 200 MHz, Dual-port
62
70
mode, 0 dBFS
fDAC = 2.4 GSPS, fOUT = 300 MHz, Dual-port
SNR
Signal-to-noise ratio
57
62
dBc
mode, 0 dBFS
fDAC = 2.4 GSPS, fOUT = 500 MHz, Dual-port
53
60
mode, 0 dBFS
fDAC = 2.4 GSPS, fOUT = 500 MHz, Dual-port
52
mode, –6 dBFS
fDAC = 2.4 GSPS, fOUT = 100 MHz, Dual-port
50
55
mode, 0 dBFS
fDAC = 2.4 GSPS, fOUT = 200 MHz, Dual-port
41
50
mode, 0 dBFS
fDAC = 2.4 GSPS, fOUT = 300 MHz, Dual-port
THD
Total harmonic distortion
38
48
dBc
mode, 0 dBFS
fDAC = 2.4 GSPS, fOUT = 500 MHz, Dual-port
47
53
mode, 0 dBFS
fDAC = 2.4 GSPS, fOUT = 500 MHz, Dual-port
44
mode, –6 dBFS
fDAC = 2.4 GSPS, fOUT = 99 MHz and 102 MHz,
65
70
dBc
Each tone at –6 dBFS, Dual-port mode.
fDAC = 2.4 GSPS, fOUT = 200 MHz and 202 MHz,
51
68
dBc
Each tone at –6 dBFS, Dual-port mode.
Third-order two-tone
IMD3
intermodulation
fDAC = 2.4 GSPS, fOUT = 253 Mhz and 257 MHz,
47
57
dBc
Each tone at –6 dBFS, Dual-port mode.
fDAC = 2.4 GSPS, fOUT = 299 Mhz and 302 MHz,
51
55
dBc
Each tone at –6 dBFS, Dual-port mode.
fDAC = 2.4 GSPS, fOUT = 298 MHz, 299 MHz,
IMD
Four-tone intermodulation
300 MHz, and 301 MHz, Each tone at –12
51
62.5
dBc
dBFS, Dual-port mode.
(1)
Typicals are characterization values at 25C and AVDD = 3.3V. These parameters are characterized but not production tested
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC5670


Número de pieza similar - DAC5670

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670-SP TI-DAC5670-SP Datasheet
813Kb / 34P
[Old version datasheet]   DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
DAC5670-SP TI-DAC5670-SP_15 Datasheet
813Kb / 34P
[Old version datasheet]   DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
DAC5670MGEM/EM TI-DAC5670MGEM/EM Datasheet
813Kb / 34P
[Old version datasheet]   DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC5670

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670-SP TI-DAC5670-SP_15 Datasheet
813Kb / 34P
[Old version datasheet]   DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9154 AD-AD9154 Datasheet
2Mb / 124P
   Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
AD9739 AD-AD9739 Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCZ AD-AD9739BBCZ Datasheet
856Kb / 48P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. B
AD9739A AD-AD9739A Datasheet
1Mb / 44P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9699 AD-AD9699 Datasheet
7Mb / 121P
   14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com