Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU1574KU Datasheet(PDF) 10 Page - Rohm

No. de pieza BU1574KU
Descripción Electrónicos  Real Time Video Processor ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU1574KU Datasheet(HTML) 10 Page - Rohm

Back Button BU1574KU Datasheet HTML 5Page - Rohm BU1574KU Datasheet HTML 6Page - Rohm BU1574KU Datasheet HTML 7Page - Rohm BU1574KU Datasheet HTML 8Page - Rohm BU1574KU Datasheet HTML 9Page - Rohm BU1574KU Datasheet HTML 10Page - Rohm BU1574KU Datasheet HTML 11Page - Rohm BU1574KU Datasheet HTML 12Page - Rohm BU1574KU Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
BU1572GUW, BU1573KV, BU1574KU
Technical Note
10/12
www.rohm.com
2009.04- Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
●Development Scheme
This technical note is aimed at trying the connectivity in the hardware between customer’s system and our AIE Adaptive
Image Enhancer series.
We prepare various data and tools for every development STEP as follows other than this technical note, please
contact the sales staff in your duty also including the support system.
(1) Demonstration STEP
(You can try the standard image processing functions by the standard Demonstration kit at once.)
You can confirm on TV screen what carried out AIE processing of a camera image and the DVD video image.
・Standard Demonstration board kit
◎Demonstration board(TV-IN→BU1573KV→TV-OUT board)
◎Demonstration board operation manual
◎Demonstration software
If the software for the trial board is installed in your Windows PC(Windows 2000/XP), more detailed setting
is possible.
◎USB cable
(2) Confirmation STEP
(We will respond to customer’s camera module.)
・Specifications
We will provide specifications for AIE Adaptive Image Enhancer according to customer’s requirements.
・Function explanation
We will deliver you the function explanation describing detailed functions, register settings, external
interfaces, timing, and so forth of AIE Adaptive Image Enhancer according to your requests.
・Application note
We will deliver you the detailed explanation data on application development of AIE Adaptive Image
Enhancer according to your requests.
(3) System check STEP
(You can check the application operation as a system by the kit of system check tools and your camera
module.)
You can check the interface with your camera module and the application operation on the system check board using
the tools for user’s only.
・System check tools kit
◎Board for system evaluation
◎Manual for system evaluation
◎Macro command file for reference
*You can check the detailed functions of the application operation by your PC using the macro command file.
(4) Integrated check STEP with user’s system
(You can check the application operation as a system on your system check board using the integrated
check software.)
You can check the application operation on the sample LSI-equipped system check board by your camera
module using the integrated check software.
・On line Support;We will answer your questions about the software development.
●Cautions on use
(1) Absolute Maximum Ratings
An excess in the absolute maximum ratings, such as supply voltage, temperature range of operating conditions, etc., can break
down devices, thus making impossible to identify breaking mode such as a short circuit or an open circuit. If any special mode
exceeding the absolute maximum ratings is assumed, consideration should be given to take physical safety measures
including the use of fuses, etc.
(2) Operating conditions
These conditions represent a range within which characteristics can be provided approximately as expected. The electrical
characteristics are guaranteed under the conditions of each parameter.
(3) Reverse connection of power supply connector
The reverse connection of power supply connector can break down ICs. Take protective measures against the breakdown due
to the reverse connection, such as mounting an external diode between the power supply and the IC’s power supply terminal.
(4) Power supply line
Design PCB pattern to provide low impedance for the wiring between the power supply and the GND lines.
In this regard, for the digital block power supply and the analog block power supply, even though these power supplies has the
same level of potential, separate the power supply pattern for the digital block from that for the analog block, thus suppressing
the diffraction of digital noises to the analog block power supply resulting from impedance common to the wiring patterns. For
the GND line, give consideration to design the patterns in a similar manner.
Furthermore, for all power supply terminals to ICs, mount a capacitor between the power supply and the GND terminal. At the
same time, in order to use an electrolytic capacitor, thoroughly check to be sure the characteristics of the capacitor to be used
present no problem including the occurrence of capacity dropout at a low temperature, thus determining the constant.


Número de pieza similar - BU1574KU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU1574GUW ROHM-BU1574GUW Datasheet
334Kb / 13P
   Real Time Video Processor IC
More results

Descripción similar - BU1574KU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU1574GUW ROHM-BU1574GUW Datasheet
334Kb / 13P
   Real Time Video Processor IC
logo
National Semiconductor ...
LM9704 NSC-LM9704 Datasheet
74Kb / 4P
   Real Time Digital Image Processor
logo
RICOH electronics devic...
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
logo
National Semiconductor ...
LM9702 NSC-LM9702 Datasheet
74Kb / 4P
   LM9702 Real Time Digital Image Processor
logo
RICOH electronics devic...
RS5C316A RICOH-RS5C316A Datasheet
288Kb / 38P
   ULTRA-COMPACT SERIAL ALARM REAL-TIME CLOCK ICs
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
logo
Panasonic Semiconductor
AN2145NFHP PANASONIC-AN2145NFHP Datasheet
108Kb / 6P
   CCD Video Camera Signal Processor ICs
logo
RICOH electronics devic...
RS5C321A RICOH-RS5C321A Datasheet
252Kb / 33P
   ULTRA-COMPACT SERIAL REAL-TIME CLOCK ICs WITH 32.768kHz
RS5C317A RICOH-RS5C317A Datasheet
309Kb / 40P
   ULTRA-COMPACT HIGH PERFORMANCE SERIAL REAL-TIME CLOCK ICs?
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com