Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU6521KV Datasheet(PDF) 4 Page - Rohm

No. de pieza BU6521KV
Descripción Electrónicos  Video Encoders built-in Image Correction
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU6521KV Datasheet(HTML) 4 Page - Rohm

  BU6521KV Datasheet HTML 1Page - Rohm BU6521KV Datasheet HTML 2Page - Rohm BU6521KV Datasheet HTML 3Page - Rohm BU6521KV Datasheet HTML 4Page - Rohm BU6521KV Datasheet HTML 5Page - Rohm BU6521KV Datasheet HTML 6Page - Rohm BU6521KV Datasheet HTML 7Page - Rohm BU6521KV Datasheet HTML 8Page - Rohm BU6521KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Technical Note
4/18
BU6520KV,BU6521KV
www.rohm.com
2010.02 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
●Pin functional descriptions・Equivalent circuit
PIN
No.
PIN Name
In/Out
Active
Level
Init
Function explanation
Power
Source
System
I/O
type
*1
1
SDI
In
DATA
-
SPI-bus data input
1
A
2
CAMDI7
In
DATA
-
Data input bit 7
1
C
3
CAMDI6
In
DATA
-
Data input bit 6
1
C
4
CAMDI5
In
DATA
-
Data input bit 5
1
C
5
CAMDI4
In
DATA
-
Data input bit 4
1
C
6
GND
-
GND
-
Common GROUND
1,2,4
-
7
VDD
-
PWR
-
CORE power source
4
-
8
CAMDI3
In
DATA
-
Data input bit 3
1
C
9
CAMDI2
In
DATA
-
Data input bit 2
1
C
10
CAMDI1
In
DATA
-
Data input bit 1
1
C
11
CAMDI0
In
DATA
-
Data input bit 0
1
C
12
CAMHSI
In
*
-
Horizontal timing input
1
C
13
CAMVSI
In
*
-
Vertical timing input
1
C
14
CAMCKI
In
CLK
-
Clock input
1
E
15
GND
-
GND
-
Common GROUND
1,2,4
-
16
VDDIO
-
PWR
-
Digital IO power source
1
-
17
CAMDO0
Out
DATA
Low
Data output bit 0
1
F
18
CAMDO1
Out
DATA
Low
Data output bit 1
1
F
19
CAMDO2
Out
DATA
Low
Data output bit 2
1
F
20
CAMDO3
Out
DATA
Low
Data output bit 3
1
F
21
CAMDO4
Out
DATA
Low
Data output bit 4
1
F
22
CAMDO5
Out
DATA
Low
Data output bit 5
1
F
23
CAMDO6
Out
DATA
Low
Data output bit 6
1
F
24
CAMDO7
Out
DATA
Low
Data output bit 7
1
F
” * ” in the Active Level column indicates that it may be changed during set-up of the register.
Init column indicates pin status when released from reset.
In the power system column, ” 1 ” stands for VDDIO, ” 2 ” stands for VDDI2C, ” 3 ” stands for AVDD, ” 4 ” stands for VDD.
*1 Fig.3 Equivalent Circuit Structures of input / output pins reference


Número de pieza similar - BU6521KV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU6521KV ROHM-BU6521KV Datasheet
351Kb / 19P
   Video Encoders built-in Image Correction
BU6521KV-E2 ROHM-BU6521KV-E2 Datasheet
351Kb / 19P
   Video Encoders built-in Image Correction
More results

Descripción similar - BU6521KV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU6520KV ROHM-BU6520KV_10 Datasheet
351Kb / 19P
   Video Encoders built-in Image Correction
logo
Renesas Technology Corp
TW2871 RENESAS-TW2871 Datasheet
147Kb / 2P
   Fisheye Distortion Correction LSI with Built-in Image Signal Processor, Motion Detector and DDR2 Controller
logo
NXP Semiconductors
SAA7184 PHILIPS-SAA7184 Datasheet
170Kb / 36P
   Digital Video Encoders DENC2-M6
1996 Jul 03
logo
Cadeka Microcircuits LL...
TMC22091 CADEKA-TMC22091 Datasheet
397Kb / 60P
   Digital Video Encoders/Layering Engine
logo
Fairchild Semiconductor
TMC22091 FAIRCHILD-TMC22091 Datasheet
293Kb / 60P
   Digital Video Encoders/Layering Engine
logo
List of Unclassifed Man...
ET4000V33 ETC1-ET4000V33 Datasheet
5Mb / 92P
   Video Image Processor
logo
Rohm
BU1523KV ROHM-BU1523KV Datasheet
406Kb / 23P
   Image Correction IC for Panel
logo
Moxa Inc.
464 MOXA-464 Datasheet
730Kb / 5P
   Superior video performance, 4-channel industrial video encoders
logo
Rohm
BU1571KN ROHM-BU1571KN_10 Datasheet
236Kb / 9P
   Image Correction IC for Camera
logo
Nippon Precision Circui...
SM5304AV NPC-SM5304AV_06 Datasheet
231Kb / 12P
   Video Buffer with Built-in Analog LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com