Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU8254KVT Datasheet(PDF) 6 Page - Rohm

No. de pieza BU8254KVT
Descripción Electrónicos  35bit LVDS Transmitter 35:5 Serializer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU8254KVT Datasheet(HTML) 6 Page - Rohm

Back Button BU8254KVT Datasheet HTML 2Page - Rohm BU8254KVT Datasheet HTML 3Page - Rohm BU8254KVT Datasheet HTML 4Page - Rohm BU8254KVT Datasheet HTML 5Page - Rohm BU8254KVT Datasheet HTML 6Page - Rohm BU8254KVT Datasheet HTML 7Page - Rohm BU8254KVT Datasheet HTML 8Page - Rohm BU8254KVT Datasheet HTML 9Page - Rohm BU8254KVT Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6 / 20
●Electrical characteristics
■Rating
Table 2 : Absolute Maximum Rating
Parameter
Symbol
Rating
Units
Min
Max
Supply Voltage
V
DD
-0.3
4.0
V
Input Voltage
V
IN
-0.3
V
DD+0.3
V
Output Voltage
V
OUT
-0.3
V
DD+0.3
V
Storage Temperature Range
Tstg
-55
125
Table 3 : Package Power
PACKAGE
Power Dissipation (mW)
De-rating (mW/℃) *1
TQFP64V
700
7.0
1000*2
10.0*2
*1:At temperature Ta >25℃
*2:Package power when mounting on the PCB board.
The size of PCB board
:70×70×1.6(mm3
The material of PCB board :The FR4 glass epoxy board.(3% or less copper foil area)
(It is recommended to apply the above package power requirement to PCB board
when the small swing input mode is used)
Table 4 : Recommended Operating Conditions
Parameter
Symbol
Rating
Units
Conditions
Min
Typ
Max
Supply Voltage
V
DD
3.0
3.3
3.6
V
VDD,LVDSVDD,PLLVDD
Operating
Temperature Range
Topr
-20
-
85
Clock frequency from 8MHz up to 90MHz
0
-
70
Cock frequency from 90MHz up to 112MHz


Número de pieza similar - BU8254KVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU8254KVT ROHM-BU8254KVT Datasheet
456Kb / 21P
   35bit LVDS Transmitter
BU8254KVT ROHM-BU8254KVT_13 Datasheet
456Kb / 21P
   35bit LVDS Transmitter
More results

Descripción similar - BU8254KVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU8254KVT ROHM-BU8254KVT_13 Datasheet
456Kb / 21P
   35bit LVDS Transmitter
BU8254GUW ROHM-BU8254GUW Datasheet
450Kb / 21P
   35bit LVDS Transmitter
BU8255KVT ROHM-BU8255KVT Datasheet
848Kb / 17P
   35bit LVDS Receiver 5:35 DeSerializer
BU90R104 ROHM-BU90R104 Datasheet
341Kb / 18P
   35bit LVDS Receiver 5:35 DeSerializer
BU7988KVT ROHM-BU7988KVT Datasheet
952Kb / 27P
   56bit LVDS Transmitter 56:8 Serializer
BU90R104 ROHM-BU90R104_15 Datasheet
545Kb / 22P
   35bit LVDS Receiver
logo
Texas Instruments
SN65LVDS151 TI-SN65LVDS151 Datasheet
254Kb / 18P
[Old version datasheet]   MuxIt SERIALIZER-TRANSMITTER
SN65LVDS151 TI1-SN65LVDS151_08 Datasheet
183Kb / 13P
[Old version datasheet]   MuxIt SERIALIZER-TRANSMITTER
logo
Maxim Integrated Produc...
MAX9235 MAXIM-MAX9235 Datasheet
128Kb / 11P
   10-Bit LVDS Serializer
Rev 0; 7/07
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com