Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU9794KV Datasheet(PDF) 10 Page - Rohm

No. de pieza BU9794KV
Descripción Electrónicos  For 200 Segment type LCD LCD Segment Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU9794KV Datasheet(HTML) 10 Page - Rohm

Back Button BU9794KV Datasheet HTML 6Page - Rohm BU9794KV Datasheet HTML 7Page - Rohm BU9794KV Datasheet HTML 8Page - Rohm BU9794KV Datasheet HTML 9Page - Rohm BU9794KV Datasheet HTML 10Page - Rohm BU9794KV Datasheet HTML 11Page - Rohm BU9794KV Datasheet HTML 12Page - Rohm BU9794KV Datasheet HTML 13Page - Rohm BU9794KV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10/22
Order form name selection
B U
ROHM form name
9
7
9
4
Part No.
K
Package type
KV=VQFP
E 2
Packaging and forming specification
E2 =Reel-shaped emboss taping
V
VQFP64
Unit:mm)
<Dimension>
<Packing information>
When you order , please order in times the amount of package quantity.
Tape
Quantity
Direction
of feed
Embossed carrier tape(with dry pack)
1000pcs
(The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand)
Direction of
Reel
1Pin
E2
48
33
32
17
16
1
49
64
10.0
± 0.1
12.0
± 0.2
0.145
1.25
+0.05
−0.04
0.2
0.5
± 0.1
4° +
6°
−4°
+0.05
−0.03
0.08 S
0.08 M


Número de pieza similar - BU9794KV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU97941FV ROHM-BU97941FV Datasheet
567Kb / 25P
   Multifunction LCD Segment Driver
BU97941FV ROHM-BU97941FV Datasheet
1Mb / 27P
   Multifunction LCD Segment Driver
BU97941FV-E2 ROHM-BU97941FV-E2 Datasheet
579Kb / 5P
   Schottky Barrier Diode
BU97941FV-E2 ROHM-BU97941FV-E2 Datasheet
567Kb / 25P
   Multifunction LCD Segment Driver
BU97941FV-E2 ROHM-BU97941FV-E2 Datasheet
1Mb / 27P
   Multifunction LCD Segment Driver
More results

Descripción similar - BU9794KV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU9728AKV ROHM-BU9728AKV_08 Datasheet
593Kb / 24P
   For 128-140 Segment type LCD LCD Segment Driver
BU9729K ROHM-BU9729K Datasheet
146Kb / 12P
   Segment-type LCD driver
logo
Hitachi Semiconductor
HD61602 HITACHI-HD61602 Datasheet
1Mb / 37P
   SEGMENT TYPE LCD DRIVER
logo
Rohm
BU9728AKV ROHM-BU9728AKV Datasheet
103Kb / 10P
   LCD driver for segment-type LCDs
logo
SHANGHAI BELLING CO., L...
BL55072A BELLING-BL55072A Datasheet
694Kb / 12P
   LCD Segment Driver
logo
Motorola, Inc
MC141511A MOTOROLA-MC141511A Datasheet
285Kb / 17P
   LCD Segment Driver
logo
Princeton Technology Co...
PT16597 PTC-PT16597 Datasheet
144Kb / 3P
   LCD Segment Driver
logo
Rohm
BU9706KS ROHM-BU9706KS Datasheet
59Kb / 6P
   LCD segment driver
logo
List of Unclassifed Man...
GT9128 ETC-GT9128 Datasheet
297Kb / 8P
   Segment-type 32x4 LCD Driver
logo
Rohm
BU9794AKV ROHM-BU9794AKV Datasheet
1Mb / 26P
   Standard LCD Segment Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com