Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU9832GUL-W Datasheet(PDF) 4 Page - Rohm

No. de pieza BU9832GUL-W
Descripción Electrónicos  Silicon Monolithic Integrated Circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU9832GUL-W Datasheet(HTML) 4 Page - Rohm

  BU9832GUL-W Datasheet HTML 1Page - Rohm BU9832GUL-W Datasheet HTML 2Page - Rohm BU9832GUL-W Datasheet HTML 3Page - Rohm BU9832GUL-W Datasheet HTML 4Page - Rohm BU9832GUL-W Datasheet HTML 5Page - Rohm BU9832GUL-W Datasheet HTML 6Page - Rohm BU9832GUL-W Datasheet HTML 7Page - Rohm BU9832GUL-W Datasheet HTML 8Page - Rohm BU9832GUL-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4/13
REV. B
◇PIN CONFIGURATION
Fig.2 BLOCK DIAGRAM
◇PIN
CONFIGURATION
◇PIN NAME
Land No.
PIN NAME
I/O
FUNCTION
A1
WP
IN
Write Protect Input
When WPEN bit is high in status register, WP input pin become
active and is able to inhibit “Write Status Register”
A2
GND
Ground (0V)
A3
SI
IN
Start Bit,Op.code,Address,Serial Data Input
B1
SO
OUT
Serial Data Output
B3
SCK
IN
Serial Data Clock Input
C1
CS
IN
Chip Select Control
C2
Vcc
Power Supply
C3
HOLD
IN
Hold Input
Hold Input is able to suspend data transmission for a time.
INSTRUCTION DECODE
CONTROL CLOCK
GENERATION
VOLTAGE
DETECTION
WRITE
INHIBITION
HIGH VOLTAGE
GENERATOR
INSTRUCTION
REGISTER
8,192 bit
EEPROM
8bit
10bit
ADDRESS
REGISTER
DATA
REGISTER
ADDRESS
DECODER
R/W
AMP
10bit
CS
SCK
SI
HOLD
WP
SO
STATUS REGISTER
8bit
Fig-3
BU9832GUL-W (bottom view)
C
B
A
1
2
3
A1
A2
A3
B1
B3
C1
C2
C3
INDEX
POST


Número de pieza similar - BU9832GUL-W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU9832GUL-W ROHM-BU9832GUL-W Datasheet
513Kb / 19P
   WL-CSP EEPROM family SPI BUS
BU9832GUL-W ROHM-BU9832GUL-W Datasheet
748Kb / 30P
   WLCSP EEPROM
BU9832GUL-WE2 ROHM-BU9832GUL-WE2 Datasheet
513Kb / 19P
   WL-CSP EEPROM family SPI BUS
BU9832GUL-WE2 ROHM-BU9832GUL-WE2 Datasheet
748Kb / 30P
   WLCSP EEPROM
BU9832GUL-W ROHM-BU9832GUL-W_10 Datasheet
513Kb / 19P
   WL-CSP EEPROM family SPI BUS
More results

Descripción similar - BU9832GUL-W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com