Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU16024KV Datasheet(PDF) 8 Page - Rohm

No. de pieza BU16024KV
Descripción Electrónicos  1 for input 1 output buffer with Termination sense correspondence
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU16024KV Datasheet(HTML) 8 Page - Rohm

Back Button BU16024KV Datasheet HTML 4Page - Rohm BU16024KV Datasheet HTML 5Page - Rohm BU16024KV Datasheet HTML 6Page - Rohm BU16024KV Datasheet HTML 7Page - Rohm BU16024KV Datasheet HTML 8Page - Rohm BU16024KV Datasheet HTML 9Page - Rohm BU16024KV Datasheet HTML 10Page - Rohm BU16024KV Datasheet HTML 11Page - Rohm BU16024KV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Technical Note
8/17
BU16024KV
www.rohm.com
2009.05 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
3.) ELECTRICAL CHARACTERISTICS
Over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN.
TYP.
(1)
MAX.
Icc
Supply current
VIH = Vcc,VIL = Vcc-0.4V,RVSADJ =
4.64k
RT = 50Ω,AVcc = 3.3V
Am/Bm = 2.25 Gbps HDMI data
pattern,
m = 2,3,4
A1/B1 = 225 MHz clock
-
140
170
mA
PD
Power dissipation
VIH = Vcc,VIL = Vcc-0.4V,RVSADJ =
4.64k
RT = 50Ω,AVcc = 3.3V
Am/Bm = 2.25Gbps HDMI data
pattern,
m = 2,3,4
A1/B1 = 225 MHz clock
-
480
700
mW
TMDS DIFFERENTIAL PINS (A/B; Y/Z)
VOH
Single-ended high-level output
voltage
AVcc = 3.3V,
RT = 50Ω,PRE = 0V
AVcc -
10
-
AVcc +
10
mV
VOL
Single-ended low-level output
voltage
AVcc -
600
-
AVcc -
400
mV
VSWING
Single-ended low-level swing
voltage
400
-
600
mV
VOD(O)
Overshoot of output differential
voltage
-
6%
15%
2xVswing
VOD(U)
Undershoot
of
output
differential voltage
-
12%
25%
2xVswing
VOD(pp)
Steady state output differential
voltage with de-emphasis
PRE = Vcc
Am/Bm = 225 Mbps HDMI data
pattern,
m = 2,3,4
A1/B1 = 225 MHz clock
600
-
920
mVp-p
RINT
Input termination resistance
VIN = 2.9V
45
50
55
⊿VOCSS
Change in steady-state
common-mode output voltage
between logic states
-
5
-
mV
SYMBOL


Número de pieza similar - BU16024KV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU16024KV ROHM-BU16024KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16024KV ROHM-BU16024KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16024KV ROHM-BU16024KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16024KV ROHM-BU16024KV Datasheet
557Kb / 20P
   HDMI Switch ICs
BU16024KV-E2 ROHM-BU16024KV-E2 Datasheet
557Kb / 20P
   HDMI Switch ICs
More results

Descripción similar - BU16024KV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU16018KV ROHM-BU16018KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16027KV ROHM-BU16027KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16025MUV ROHM-BU16025MUV_11 Datasheet
427Kb / 17P
   1 for input 1 output buffer (Sync with OE)
logo
Micrel Semiconductor
SY58035U MICREL-SY58035U Datasheet
103Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58035U MICREL-SY58035U_10 Datasheet
487Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58012U MICREL-SY58012U_08 Datasheet
132Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012U MICREL-SY58012U Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58036U MICREL-SY58036U Datasheet
104Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58036U MICREL-SY58036U_10 Datasheet
655Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com