Nombre de pieza
         Descripción
1N4148

 FAST SWITCHING DIODE ( 3 Page)


WTE
100% 
Zoom Out Zoom In
   
 3 page
background image
1N4148 / LL4148
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
1N4148-T3
DO-35
10000/Tape & Reel
1N4148-TB
DO-35
5000/Tape & Box
1N4148
DO-35
1000 Units/Box
LL4148-T1
MiniMELF
2500/Tape & Reel
LL4148-T3
MiniMELF
10000/Tape & Reel
Products listed in bold are WTE Preferred devices.
!T1 suffix refers to a 7” reel. T3 suffix refers to a 13” reel. TB suffix refers to Ammo Pack.
Shipping quantity given is for minimum packing quantity only. For minimum order quantity,
please consult the Sales Department.
RECOMMENDED FOOTPRINT (MiniMELF)
0.043 MIN
(1.10 MIN)
0.106 MIN
(2.70 MIN)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com
0.067 MIN
(1.70 MIN)
1  2  3 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
1N4448WFAST SWITCHING SURFACE MOUNT DIODE 1 2 Transys Electronics
1N4148WSURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Won-Top Electronics
BAS19WSSURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Won-Top Electronics
BXY42BA-7Silicon PIN Diode Fast switching 1 2 Siemens Semiconductor Group
SIDC46D170HFast switching diode chip in EMCON 3 -Technology 1 2 3 4 Infineon Technologies AG
SIDC03D60C6Fast switching diode chip in EMCON 3 -Technology 1 2 3 4 Infineon Technologies AG
SIDC09D60E6Fast switching diode chip in EMCON-Technology 1 2 3 4 Infineon Technologies AG
SIDC30D120E6Fast switching diode chip in EMCON-Technology 1 2 3 4 Infineon Technologies AG
SIDC73D170E6Fast switching diode chip in EMCON-Technology 1 2 3 4 Infineon Technologies AG
1N4148WSSURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Won-Top Electronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl