Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC5205D Datasheet(PDF) 8 Page - Allegro MicroSystems

No. de pieza LC5205D
Descripción Electrónicos  LED Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEGRO [Allegro MicroSystems]
Página de inicio  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

LC5205D Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button LC5205D Datasheet HTML 4Page - Allegro MicroSystems LC5205D Datasheet HTML 5Page - Allegro MicroSystems LC5205D Datasheet HTML 6Page - Allegro MicroSystems LC5205D Datasheet HTML 7Page - Allegro MicroSystems LC5205D Datasheet HTML 8Page - Allegro MicroSystems LC5205D Datasheet HTML 9Page - Allegro MicroSystems LC5205D Datasheet HTML 10Page - Allegro MicroSystems LC5205D Datasheet HTML 11Page - Allegro MicroSystems LC5205D Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
48102.002
LED Drivers
LC5200 Series
LED Current Setting and Dimming
Output current level can be set using two alternative methods:
• Internal PWM Control. The LC5200 series provides fixed off-
time PWM current control operation, allowing implementation
of an LED constant-current control circuit with only a small
quantity of external components.
The output current is calculated by the formula below:
IO = VREF / RS
Based on this formula, there are two methods of LED current
control available:
▫ Analog control, varying the REF pin voltage as shown in
figure 6, panel A)
▫ PWM integrated control, inputting external PWM signal
through a low pass filter (LPF) and connecting the output to the
REF pin (figure 6, panel B)
In either method, the TOFF pin voltage is used to turn the
MOSFET on or off, therefore, the circuit in figure 6, panel C
also works to adjust the output current by the external signal. In
this application, when the external small signal MOSFET turns
on, LC5200 stops an output pulse.
• External PWM Control. In this method of control, the LC5200
allows direct on/off control of the MOSFET, for synchroniz-
ing PWM operation among LED arrays or for other reasons.
With this method, a pull-up shunt is connected from the REF
pin to the regulator output as shown figure 7. The capacitor and
resistor are removed from the TOFF pin, and instead the PWM
signal is input to the TOFF pin. Note that for this method, the
internal peak current control is disabled; therefore, it requires
an external current control circuit for constant current opera-
tion. However, overcurrent protection is still in active to protect
the LC5200 and LEDs from excessive current. The TOFF pin
threshold has hysteresis characteristics: from < 2 V to MOSFET
off, and from > 3 V to MOSFET on. Therefore, use 5 V CMOS
compatible input for the control.
LC5200
SENSE
GND
REG
TOFF
REF
LC5200
SENSE
GND
REG
TOFF
REF
LC5200
SENSE
GND
REG
TOFF
REF
ROFF
R1
R2
COFF
ROFF
R1
R2
COFF
ROFF
RLPF
CLPF
COFF
RS
RS
RS
PWM
LPF
PWM
MOSFET
100 Hz
Figure 6. Implementations of internal PWM control
Figure 7. Implementation of external PWM control
(A) Analog control
(B) Integrated PWM control
(C) External signal on TOFF pin
Internal PWM Truth Table
PWM
OUT
Low
Low (ON)
High
High (OFF)
External PWM Truth Table
TOFF
OUT
Low < 2 V
High (OFF)
High > 3 V
Low (ON)
RS
PWM
LC5200
SENSE
GND
REG
TOFF
REF


Número de pieza similar - LC5205D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
LC5205D SANKEN-LC5205D Datasheet
431Kb / 8P
   Hybrid Integrated Circuit
LC5205D SANKEN-LC5205D Datasheet
297Kb / 16P
   Off-Line LED Driver ICs
More results

Descripción similar - LC5205D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
DLE45 XPPOWER-DLE45 Datasheet
266Kb / 5P
   LED Drivers
DLE25 XPPOWER-DLE25 Datasheet
482Kb / 5P
   LED Drivers
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
   LED Drivers
VLED40W-012 ETC2-VLED40W-012 Datasheet
683Kb / 3P
   LED Drivers
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
   WHITE LED DRIVERS
logo
ATMEL Corporation
MSL2023 ATMEL-MSL2023_14 Datasheet
1Mb / 40P
   Atmel LED Drivers
logo
List of Unclassifed Man...
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
   Dimmable LED Drivers
logo
STMicroelectronics
M5450 STMICROELECTRONICS-M5450_04 Datasheet
260Kb / 12P
   LED DISPLAY DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com