Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RZE002P02 Datasheet(PDF) 4 Page - Rohm

No. de pieza RZE002P02
Descripción Electrónicos  1.2V Drive Pch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

RZE002P02 Datasheet(HTML) 4 Page - Rohm

  RZE002P02 Datasheet HTML 1Page - Rohm RZE002P02 Datasheet HTML 2Page - Rohm RZE002P02 Datasheet HTML 3Page - Rohm RZE002P02 Datasheet HTML 4Page - Rohm RZE002P02 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.A
Data Sheet
RZE002P02
Measurement circuit
Fig.1-1 Switching Time Measurement Circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
Fig.1-2 Switching Waveforms
90%
90%
90%
10%
10%
10%
50%
50%
Pulse Width
VGS
VDS
ton
toff
tr
td(on)
tf
td(off)
Fig.2-1 Gate Charge Measurement Circuit
VGS
IG(Const.)
RG
VDS
D.U.T.
ID
RL
VDD
Fig.2-2 Gate Charge Waveform
VG
VGS
Charge
Qg
Qgs
Qgd
Notice
This product might cause chip aging and breakdown under the large electrified environment.
0
1
2
3
4
5
02
4
6
8
10
Ta=25°C
Pulsed
ID= -0.01A
ID= -0.2A
0.01
0.1
1
00.5
11.5
VGS=0V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta=-25°C
0
1
2
3
4
5
00.5
11.5
1
10
100
1000
0.01
0.1
1
10
100
Coss
Crss
Ta=25°C
f=1MHz
VGS=0V
Ciss
0.1
1.0
0.01
0.1
1
VDS= -10V
Pulsed
Ta=-25°C
Ta=25°C
Ta=75°C
Ta=125°C
1
10
100
1000
0.01
0.1
1
tr
tf
td(on)
td(off)
Ta=25°C
VDD= -10V
VGS=-4.5V
RG=10Ω
Pulsed
Fig.11 Reverse Drain Current
vs. Sourse-Drain Voltage
Fig.12 Static Drain-Source On-State
Resistance vs. Gate Source Voltage
Fig.10 Forward Transfer Admittance
vs. Drain Current
Fig.14 Dynamic Input Characteristics
Fig.15 Typical Capacitance
vs. Drain-Source Voltage
Fig.13 Switching Characteristics
DRAIN-CURRENT : -ID[A]
SOURCE-DRAIN VOLTAGE : -VSD [V]
GATE-SOURCE VOLTAGE : -VGS[V]
DRAIN-CURRENT : -ID[A]
TOTAL GATE CHARGE : Qg [nC]
DRAIN-SOURCE VOLTAGE : -VDS[V]
Ta=25°C
VDD= -10V
VGS=-0.2V
RG=10Ω
Pulsed


Número de pieza similar - RZE002P02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RZE002P02 ROHM-RZE002P02 Datasheet
225Kb / 5P
   1.2V Drive Pch MOSFET
More results

Descripción similar - RZE002P02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
VT6J1 ROHM-VT6J1 Datasheet
1Mb / 6P
   1.2V Drive Pch Pch MOSFET
RZM002P02T2L ROHM-RZM002P02T2L Datasheet
164Kb / 5P
   1.2V Drive Pch MOSFET
RZM002P02 ROHM-RZM002P02 Datasheet
224Kb / 5P
   1.2V Drive Pch MOSFET
RU1C002ZP ROHM-RU1C002ZP Datasheet
975Kb / 6P
   1.2V Drive Pch MOSFET
EM6J1 ROHM-EM6J1 Datasheet
237Kb / 5P
   1.2V Drive Pch MOSFET
RZB002P02 ROHM-RZB002P02 Datasheet
294Kb / 6P
   1.2V Drive Pch MOSFET
RZE002P02 ROHM-RZE002P02 Datasheet
225Kb / 5P
   1.2V Drive Pch MOSFET
EM6M2 ROHM-EM6M2 Datasheet
273Kb / 8P
   1.2V Drive NchPch MOSFET
EM6M2T2R ROHM-EM6M2T2R Datasheet
208Kb / 8P
   1.2V Drive Nch Pch MOSFET
VT6M1 ROHM-VT6M1 Datasheet
1Mb / 9P
   1.2V Drive Nch Pch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com