Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6N137M Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 6N137M
Descripción Electrónicos  High Speed 10MBit/s Logic Gate Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N137M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  6N137M Datasheet HTML 1Page - Fairchild Semiconductor 6N137M Datasheet HTML 2Page - Fairchild Semiconductor 6N137M Datasheet HTML 3Page - Fairchild Semiconductor 6N137M Datasheet HTML 4Page - Fairchild Semiconductor 6N137M Datasheet HTML 5Page - Fairchild Semiconductor 6N137M Datasheet HTML 6Page - Fairchild Semiconductor 6N137M Datasheet HTML 7Page - Fairchild Semiconductor 6N137M Datasheet HTML 8Page - Fairchild Semiconductor 6N137M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N137M, HCPL2601M, HCPL2611M, HCPL2630M, HCPL2631M Rev. 1.0.3
2
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
*6.3mA is a guard banded value which allows for at least 20% CTR degradation. Initial input current threshold value
is 5.0mA or less.
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-40 to +100
°C
TSOL
Lead Solder Temperature
260 for 10 sec
°C
EMITTER
IF
DC/Average Forward
Single Channel
50
mA
Input Current
Dual Channel (Each Channel)
30
VE
Enable Input Voltage Not to Exceed
VCC by more than 500mV
Single Channel
5.5
V
VR
Reverse Input Voltage
Each Channel
5.0
V
PI
Power Dissipation
Single Channel
100
mW
Dual Channel (Each Channel)
45
DETECTOR
VCC
(1 minute max)
Supply Voltage
7.0
V
IO
Output Current
Single Channel
50
mA
Dual Channel (Each Channel)
50
VO
Output Voltage
Each Channel
7.0
V
PO
Collector Output
Single Channel
85
mW
Power Dissipation
Dual Channel (Each Channel)
60
Symbol
Parameter
Min.
Max.
Units
IFL
Input Current, Low Level
0
250
µA
IFH
Input Current, High Level
*6.3
15
mA
VCC
Supply Voltage, Output
4.5
5.5
V
VEL
Enable Voltage, Low Level
0
0.8
V
VEH
Enable Voltage, High Level
2.0
VCC
V
TA
Low Level Supply Current
-40
+85
°C
NFan Out (TTL load)
8


Número de pieza similar - 6N137M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CT Micro International ...
6N137M CTMICRO-6N137M Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
ON Semiconductor
6N137M ONSEMI-6N137M Datasheet
644Kb / 18P
   8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
June, 2021 ??Rev. 2
logo
Guangdong Youtai Semico...
6N137M UMW-6N137M Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
logo
Everlight Electronics C...
6N137M(TA)-V EVERLIGHT-6N137M(TA)-V Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137M(TA)-V EVERLIGHT-6N137M(TA)-V Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
More results

Descripción similar - 6N137M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
6N137 FAIRCHILD-6N137_08 Datasheet
322Kb / 12P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
CT2601 CTMICRO-CT2601 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
Everlight Electronics C...
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
EL26XX EVERLIGHT-EL26XX Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
logo
CT Micro International ...
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
   SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
logo
List of Unclassifed Man...
MCL2630 ETC-MCL2630 Datasheet
252Kb / 4P
   DUAL 10MBIT/S LOGIC GATE
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com