Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6N138VM Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza 6N138VM
Descripción Electrónicos  Low Input Current High Gain Split Darlington Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N138VM Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 6N138VM Datasheet HTML 3Page - Fairchild Semiconductor 6N138VM Datasheet HTML 4Page - Fairchild Semiconductor 6N138VM Datasheet HTML 5Page - Fairchild Semiconductor 6N138VM Datasheet HTML 6Page - Fairchild Semiconductor 6N138VM Datasheet HTML 7Page - Fairchild Semiconductor 6N138VM Datasheet HTML 8Page - Fairchild Semiconductor 6N138VM Datasheet HTML 9Page - Fairchild Semiconductor 6N138VM Datasheet HTML 10Page - Fairchild Semiconductor 6N138VM Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138M, 6N139M, HCPL2730M, HCPL2731M Rev. 1.0.2
7
Typical Performance Curves
Fig. 4 LED Forward Current vs. Forward Voltage
FORWARD VOLTAGE - VF (V)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
0.001
0.01
0.1
1
10
100
Fig. 5 LED Forward Voltage vs. Temperature
TEMPERATURE - TA (˚C)
-40
-20
0
20
40
60
80
100
1.6
1.5
1.4
1.3
1.2
1.0
Fig. 6 Current Transfer Ratio vs. Forward Current
(6N138M / 6N139M Only)
TA = 100˚C
TA = 85˚C
TA = 70˚C
TA = 25˚C
TA = 0˚C
TA = -40˚C
IF = 1.6 mA
TEMPERATURE - TA (˚C)
-40
-20
0
20
40
60
80
100
1.4
1.2
1.0
0.8
0.6
0.4
IF = 1.6 mA
VCC = 4.5V
VO = 0.4V
Normalized to TA = 25°C
Fig. 7 Normalized Current Transfer Ratio
vs. Ambient Temperature
(6N138M / 6N139M Only)
RBE - BASE RESISTANCE (kΩ)
Fig. 8 Current Transfer Ratio vs. Base-Emitter Resistance
(6N138M / 6N139M Only)
110
100
1000
2400
2000
1600
1200
800
400
0
IF = 1.6mA
VCC = 5 V
VO = 0.4 V
IF - INPUT DIODE FORWARD CURRENT (mA)
Fig. 9 Output Current vs. Input Diode Forward Current
(6N138M / 6N139M Only)
0.01
0.1
1
10
0
0
1
10
100
VCC = 5V
VO = 0.4V
TA = 70˚C / 85°C /
100
°C / 110°C
TA = 25˚C
TA = 0˚C
TA = -40˚C
TA = 110˚C
IF - FORWARD CURRENT (mA)
0.01
0.1
1
10
100
3500
3000
2500
2000
1500
1000
500
0
VCC = 5V
VO = 0.4V
TA = -40˚C
TA = 0˚C
TA = 25˚C
TA = 70˚C
TA = 110˚C
TA = 100˚C
TA = 85˚C


Número de pieza similar - 6N138VM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CT Micro International ...
6N138VM CTMICRO-6N138VM Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
6N138VMT1 CTMICRO-6N138VMT1 Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
6N138VMT2 CTMICRO-6N138VMT2 Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
More results

Descripción similar - 6N138VM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com