Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU2360FV Datasheet(PDF) 7 Page - Rohm

No. de pieza BU2360FV
Descripción Electrónicos  DVD-video Reference Clock Generators for Audio/Video Equipments
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU2360FV Datasheet(HTML) 7 Page - Rohm

Back Button BU2360FV Datasheet HTML 3Page - Rohm BU2360FV Datasheet HTML 4Page - Rohm BU2360FV Datasheet HTML 5Page - Rohm BU2360FV Datasheet HTML 6Page - Rohm BU2360FV Datasheet HTML 7Page - Rohm BU2360FV Datasheet HTML 8Page - Rohm BU2360FV Datasheet HTML 9Page - Rohm BU2360FV Datasheet HTML 10Page - Rohm BU2360FV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7/24
Reference data (BU2280FV Temperature and Supply voltage variations data)
Fig.33 24.6MHz
Temperature-Duty
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.9V
Fig.34 24.6MHz
Temperature-Period-Jitter 1σ
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.9V
Fig.35 24.6MHz
Temperature-Period-Jitter MIN-MAX
0
100
200
300
400
500
600
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.9V
55
Fig.24 33.9MHz
Temperature-Duty
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.9V
Fig.25 33.9MHz
Temperature-Period-Jitter 1σ
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.9V
Fig.26 33.9MHz
Temperature-Period-Jitter MIN-MAX
0
100
200
300
400
500
600
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.9V
Fig.27 36.9MHz
Temperature-Duty
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.9V
Fig.28 36.9MHz
Temperature-Period-Jitter 1σ
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.9V
Fig.29 36.9MHz
Temperature r-Period-Jitter MIN-MAX
0
100
200
300
400
500
600
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.9V
Fig.32 22.6MHz
Temperature-Period-Jitter MIN-MAX
0
100
200
300
400
500
600
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.9V
Fig.31 22.6MHz
Temperature-Period-Jitter 1σ
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.9V
Fig.30 22.6MHz
Temperature-Duty
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.9V


Número de pieza similar - BU2360FV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2360FV-E2 ROHM-BU2360FV-E2 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
More results

Descripción similar - BU2360FV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2285FV ROHM-BU2285FV_08 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
BU2365FV ROHM-BU2365FV_08 Datasheet
736Kb / 17P
   Clock Generator with Built-in VCXO for Audio/Video Equipments
logo
STMicroelectronics
STE5588 STMICROELECTRONICS-STE5588 Datasheet
197Kb / 3P
   DVD and DVB decoder for video and audio with DVD audio support
logo
Rohm
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
logo
STMicroelectronics
STV6432 STMICROELECTRONICS-STV6432 Datasheet
184Kb / 15P
   Audio/Video Output Buffers for STB and DVD Devices
logo
Sanyo Semicon Device
LV71081E SANYO-LV71081E_11 Datasheet
423Kb / 31P
   For Video/Audio Signal Input/ Output Interface of DVD Recorder
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
   HDTV Audio/Video Clock Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com