Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU3076HFV Datasheet(PDF) 7 Page - Rohm

No. de pieza BU3076HFV
Descripción Electrónicos  Compact 1ch Clock Generators for Digital Cameras
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU3076HFV Datasheet(HTML) 7 Page - Rohm

Back Button BU3076HFV Datasheet HTML 3Page - Rohm BU3076HFV Datasheet HTML 4Page - Rohm BU3076HFV Datasheet HTML 5Page - Rohm BU3076HFV Datasheet HTML 6Page - Rohm BU3076HFV Datasheet HTML 7Page - Rohm BU3076HFV Datasheet HTML 8Page - Rohm BU3076HFV Datasheet HTML 9Page - Rohm BU3076HFV Datasheet HTML 10Page - Rohm BU3076HFV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7/20
Fig.33 78MHz spectrum
(VDD=3.3V,CL=15pF,Ta=25℃)
10kHz/div
RBW:1kHz
VBW:100Hz
Reference data (BU7322HFV basic data)
Reference data (BU7325HFV basic data)
10kHz/div
Fig.26 36MHz Period-Jitter
(VDD=3.3V,CL=15pF,Ta=25℃)
Fig.24 49.5MHz spectrum
(VDD=3.3V,CL=15pF,Ta=25℃)
Fig.23 49.5MHz Period-Jitter
(VDD=3.3V,CL=15pF,Ta=25℃)
Fig.22 49.5MHz output waveform
(VDD=3.3V,CL=15pF,Ta=25℃)
500psec/div
500psec/div
5nsec/div
10kHz/div
Fig.25 36MHz output waveform
(VDD=3.3V,CL=15pF,Ta=25℃)
10nsec/div
Fig.27 36MHz spectrum
(VDD=3.3V,CL=15pF,Ta=25℃)
10kHz/div
RBW:1kHz
VBW:100Hz
RBW:1kHz
VBW:100Hz
Fig.32 78MHz Period-Jitter
(VDD=3.3V,CL=15pF,Ta=25℃)
Fig.29 48MHz Period-Jitter
(VDD=3.3V,CL=15pF,Ta=25℃)
Fig.28 48MHz output waveform
(VDD=3.3V,CL=15pF,Ta=25℃)
500psec/div
500psec/div
5nsec/div
Fig.31 78MHz output waveform
(VDD=3.3V,CL=15pF,Ta=25℃)
10nsec/div
Fig.30 48MHz spectrum
(VDD=3.3V,CL=15pF,Ta=25℃)
RBW:1kHz
VBW:100Hz


Número de pieza similar - BU3076HFV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU3076HFV ROHM-BU3076HFV Datasheet
263Kb / 6P
   Clock Generator
More results

Descripción similar - BU3076HFV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7344HFV ROHM-BU7344HFV Datasheet
477Kb / 14P
   Compact 1ch Clock Generators for Digital Cameras
BU2396KN ROHM-BU2396KN_15 Datasheet
1Mb / 24P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_08 Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_15 Datasheet
1Mb / 25P
   3ch Clock Generator for Digital Cameras
logo
Panasonic Semiconductor
MN6160P PANASONIC-MN6160P Datasheet
151Kb / 5P
   CMOS LSI Synchronizing Signal Generators for Color Video Cameras
logo
Connor-Winfield Corpora...
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
   Synchronous Clock Generators
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com