Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU52004GUL Datasheet(PDF) 1 Page - Rohm

No. de pieza BU52004GUL
Descripción Electrónicos  Omnipolar Detection Hall ICs (Polarity detection for both S and N features dual outputs)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU52004GUL Datasheet(HTML) 1 Page - Rohm

  BU52004GUL_10 Datasheet HTML 1Page - Rohm BU52004GUL_10 Datasheet HTML 2Page - Rohm BU52004GUL_10 Datasheet HTML 3Page - Rohm BU52004GUL_10 Datasheet HTML 4Page - Rohm BU52004GUL_10 Datasheet HTML 5Page - Rohm BU52004GUL_10 Datasheet HTML 6Page - Rohm BU52004GUL_10 Datasheet HTML 7Page - Rohm BU52004GUL_10 Datasheet HTML 8Page - Rohm BU52004GUL_10 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/11
www.rohm.com
2010.01 - Rev.D
© 2010 ROHM Co., Ltd. All rights reserved.
Hall IC Series
Omnipolar Detection Hall ICs
(Polarity detection for
both S and N features dual outputs)
BU52004GUL, BU52014HFV
Description
The BU52004GUL and BU52014HFV are bipolar Hall ICs incorporating a polarity determination circuit that enables
operation (output) on both the S- and N-poles, with the polarity judgment based on the output processing configuration.
These Hall IC products can be in with movie, mobile phone and other applications involving crystal panels to detect the
(front-back) location or determine the rotational direction of the panel.
Features
1) Omnipolar detection (polarity detection for both S and N features dual outputs)
2) Micropower operation (small current using intermittent operation method)
3) Ultra-compact CSP4 package(BU52004GUL)
4) Small outline package (BU52014HFV)
5) Line up of supply voltage
For 1.8V Power supply voltage (BU52014HFV)
For 3.0V Power supply voltage (BU52004GUL)
6) Polarity judgment and output on both poles (OUT1: S-pole output; OUT2: N-pole output)
7) High ESD resistance 8kV(HBM)
Applications
Mobile phones, notebook computers, digital video camera, digital still camera, etc.
Product Lineup
Product name
Supply
voltage
(V)
Operate point
(mT)
Hysteresis
(mT)
Period
(ms)
Supply current
(AVG. )
(μA)
Output type
Package
BU52004GUL
2.40~3.30
+/-3.7
0.8
50
8.0
CMOS
VCSP50L1
BU52014HFV
1.65~3.30
+/-3.0
0.9
50
5.0
CMOS
HVSOF5
Plus is expressed on the S-pole; minus on the N-pole
Absolute Maximum Ratings
BU52004GUL (Ta=25℃)
PARAMETERS
SYMBOL
LIMIT
UNIT
Power Supply Voltage
VDD
-0.1 ~ +4.5
1
V
Output Current
IOUT
±
1
mA
Power Dissipation
Pd
420
2
mW
Operating Temperature Range
Topr
-40 ~ +85
Storage Temperature Range
Tstg
-40 ~ +125
1. Not to exceed Pd
2. Reduced by 4.20mW for each increase in Ta of 1℃ over 25℃
(mounted on 50mm×58mm Glass-epoxy PCB)
BU52014 HFV (Ta=25℃)
PARAMETERS
SYMBOL
LIMIT
UNIT
Power Supply Voltage
VDD
-0.1 ~ +4.5
3
V
Output Current
IOUT
±
0.5
mA
Power Dissipation
Pd
536
4
mW
Operating Temperature Range
Topr
-40 ~ +85
Storage Temperature Range
Tstg
-40 ~ +125
3. Not to exceed Pd
4. Reduced by 5.36mW for each increase in Ta of 1℃ over 25℃
(mounted on 70mm×70mm×1.6mm Glass-epoxy PCB)
No.10045EDT01


Número de pieza similar - BU52004GUL_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU52004GUL ROHM-BU52004GUL Datasheet
201Kb / 6P
   Hall effect Switch
More results

Descripción similar - BU52004GUL_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU52737GWZ ROHM-BU52737GWZ Datasheet
904Kb / 17P
   Omnipolar Detection Hall IC (Dual Outputs for both S and N Pole Polarity Detection)
05.Aug.2021 Rev.001
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL_10 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52075GWZ ROHM-BU52075GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52493NUZ ROHM-BU52493NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52472NUZ ROHM-BU52472NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52077GWZ ROHM-BU52077GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com