Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU9253FS Datasheet(PDF) 11 Page - Rohm

No. de pieza BU9253FS
Descripción Electrónicos  Karaoke/Surround Digital Echo
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU9253FS Datasheet(HTML) 11 Page - Rohm

Back Button BU9253FS Datasheet HTML 7Page - Rohm BU9253FS Datasheet HTML 8Page - Rohm BU9253FS Datasheet HTML 9Page - Rohm BU9253FS Datasheet HTML 10Page - Rohm BU9253FS Datasheet HTML 11Page - Rohm BU9253FS Datasheet HTML 12Page - Rohm BU9253FS Datasheet HTML 13Page - Rohm BU9253FS Datasheet HTML 14Page - Rohm BU9253FS Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/16
Output/ input LPF circuit
This is the LPF circuit connected to the ADC input unit and the DAC output unit. Delay time setting can be select by
internal resistor.
Delay amount
Switch
Resistance value
48.0msec or below
S1
4.8kΩ*
96.0msec or below
S2
11.3kΩ*
*Internal resistance precision is ±30%.
Auto mute circuit
Delay output is muted during power on and delay time switching.
●Timing chart
BU9262AFS>
Serial interface specification
Serial timing
SI
SCK
SLT
D0
D1
D12 D13 D14 D15
SI
SCK
SLT
twCK
twCK
twLT
th
tdsu
tdsu
R1
R2
R1
R2
R1
R2
S1
S2
11、19ピン
12、20ピン
13、21ピン
(注)11ピンでは外付け容量結合になります
Fig.32 Input LPF / Output LPF circuit
Fig.34 Serial timing
Fig.33 Serial interface specification
Pins 11, 19
Pins 12, 20
Pins 13, 21
Note: In Pin 11, is an external capacity connection


Número de pieza similar - BU9253FS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU9253FS ROHM-BU9253FS Datasheet
72Kb / 6P
   KARAOKE echo IC
More results

Descripción similar - BU9253FS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC9488FG TOSHIBA-TC9488FG Datasheet
320Kb / 12P
   Digital Echo IC for Karaoke
logo
Rohm
BU9252S ROHM-BU9252S Datasheet
63Kb / 6P
   Audio digital delay (KARAOKE echo)
logo
Princeton Technology Co...
PT2396 PTC-PT2396 Datasheet
152Kb / 5P
   Digital Echo/Surround Processor IC
PT2396 PTC-PT2396_10 Datasheet
470Kb / 18P
   Digital Echo/Surround Processor IC
logo
Rohm
BU9253AS ROHM-BU9253AS Datasheet
72Kb / 6P
   KARAOKE echo IC
logo
Princeton Technology Co...
PT2398 PTC-PT2398 Datasheet
246Kb / 5P
   Echo/Surround Processor
logo
Rohm
BU9262AFS ROHM-BU9262AFS Datasheet
259Kb / 6P
   Digital surround / echo processor for audio application
BA7725S ROHM-BA7725S Datasheet
94Kb / 8P
   Analog compander for KARAOKE echo systems
logo
Mitsubishi Electric Sem...
M50195P MITSUBISHI-M50195P Datasheet
476Kb / 8P
   DIGITAL ECHO
logo
List of Unclassifed Man...
BL0306 ETC1-BL0306 Datasheet
32Kb / 2P
   Digital echo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com