Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU9262FAS-E2 Datasheet(PDF) 9 Page - Rohm

No. de pieza BU9262FAS-E2
Descripción Electrónicos  Karaoke/Surround Digital Echo
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU9262FAS-E2 Datasheet(HTML) 9 Page - Rohm

Back Button BU9262FAS-E2 Datasheet HTML 5Page - Rohm BU9262FAS-E2 Datasheet HTML 6Page - Rohm BU9262FAS-E2 Datasheet HTML 7Page - Rohm BU9262FAS-E2 Datasheet HTML 8Page - Rohm BU9262FAS-E2 Datasheet HTML 9Page - Rohm BU9262FAS-E2 Datasheet HTML 10Page - Rohm BU9262FAS-E2 Datasheet HTML 11Page - Rohm BU9262FAS-E2 Datasheet HTML 12Page - Rohm BU9262FAS-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/16
●Description of operations
BU9253AS/FS>
OSC(Oscillator)
Clock is generated by connecting external RC circuit. Clock is used for the delay counter.
Mute control circuit (MUTE)
By input voltage of the mute terminal, 3 statuses, that is, mute, mute release (operating), and clock stop & mute can be
selected.
COUNTER
This counter is for generating delay time. It can generate delay time about 131ms at oscillation frequency
Fclk = 375kHz.
SRAM
SRAM with 8Kbit capacity for generating the delay.
A/D side LPF operation amplifier
LPF can be structured by external RC, and band limit of signal to be input to A/D is available.
A/D
This digitalizes output signal of AD side LPF, and outputs it to SRAM.
D/A side LPF operation amplifier
LPF can be structured by external RC, and band limit of signal to be output to D/A is available.
D/A
This converts delayed audio digital data input from SRAM into analog signal.
Mixing amplifier (MIX)
This circuit is used for mixing delayed signals and (original sound) signals input from MIX IN.
BU9262AFS>
Serial control circuit
This serial I/F circuit is for setting each register. It can be controlled by serial 16bit data. It reads in SI at the rise of SCK,
and latches data at the rise of SLT.
No.
Mode
Remarks
D0
D1
D2
Delay time
Delay time setting
"Refer to the separate table."
D3
D4
INPUT select
ISEL”
( D3、D4 ) = ( L、L ):L+R
( L、L ):L-R
( L、H ):MIC
( H、H ):CLK OFF
D5
D6
OUTPUT select
OSEL”
( D5、D6 ) = ( L、L ):FWD (L, R in phase)
( L、L ):REV (R in opposite phase)
( L、H ):MIC MIX
( H、H ):NORMAL
D7
Delay out “DOSW”
H : output ON
L : output OFF
D8
D9
D10
Delay volume
DLYVOL”
Delay signal / volume setting
"Refer to the separate table."
D11
D12
D13
Feedback volume
FBVOL”
Feedback / volume setting
"Refer to the separate table."
D14
Latch control
(D5, D6) = (L, H) : latch
Others are not latch


Número de pieza similar - BU9262FAS-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU9262AFS ROHM-BU9262AFS Datasheet
259Kb / 6P
   Digital surround / echo processor for audio application
More results

Descripción similar - BU9262FAS-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC9488FG TOSHIBA-TC9488FG Datasheet
320Kb / 12P
   Digital Echo IC for Karaoke
logo
Rohm
BU9252S ROHM-BU9252S Datasheet
63Kb / 6P
   Audio digital delay (KARAOKE echo)
logo
Princeton Technology Co...
PT2396 PTC-PT2396 Datasheet
152Kb / 5P
   Digital Echo/Surround Processor IC
PT2396 PTC-PT2396_10 Datasheet
470Kb / 18P
   Digital Echo/Surround Processor IC
logo
Rohm
BU9253AS ROHM-BU9253AS Datasheet
72Kb / 6P
   KARAOKE echo IC
logo
Princeton Technology Co...
PT2398 PTC-PT2398 Datasheet
246Kb / 5P
   Echo/Surround Processor
logo
Rohm
BU9262AFS ROHM-BU9262AFS Datasheet
259Kb / 6P
   Digital surround / echo processor for audio application
BA7725S ROHM-BA7725S Datasheet
94Kb / 8P
   Analog compander for KARAOKE echo systems
logo
Mitsubishi Electric Sem...
M50195P MITSUBISHI-M50195P Datasheet
476Kb / 8P
   DIGITAL ECHO
logo
List of Unclassifed Man...
BL0306 ETC1-BL0306 Datasheet
32Kb / 2P
   Digital echo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com