Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BU4928 Datasheet(PDF) 1 Page - Rohm |
|
BU4928 Datasheet(HTML) 1 Page - Rohm |
1 / 9 page 1/8 www.rohm.com 2009.06 - Rev.C © 2009 ROHM Co., Ltd. All rights reserved. Voltage Detector IC Series Low Voltage Standard CMOS Voltage Detector IC Series BU48 □□G, BU48□□F, BU48□□FVE, BU49□□G, BU49□□F, BU49□□FVE series Description ROHM standard CMOS reset IC series is a high-accuracy low current consumption reset IC series. The lineup was established with two output types (Nch open drain and CMOS output) and detection voltage range from 0.9V to 4.8V in increments of 0.1V, so that the series may be selected according to the application at hand. Features 1) Detection voltage from 0.9V to 4.8V in 0.1V increments 2) Highly accurate detection voltage: ±1.0% 3) Ultra-low current consumption 4) Nch open drain output (BU48 □□G/F/FVE)and CMOS output (BU49□□G/F/FVE) 5) Small surface package SSOP5: BU48 □□G,BU49□□G SOP4: BU48 □□F,BU49□□F VSOF5: BU48 □□FVE,BU49□□FVE Applications All electronics devices that use microcontrollers and logic circuits. Selection Guide Lineup Making Detection voltage Part Number Making Detection voltage Part Number Making Detection voltage Part Number Making Detection voltage Part Number JR 4.8V BU4848 HV 2.8V BU4828 LH 4.8V BU4948 KM 2.8V BU4928 JQ 4.7V BU4847 HU 2.7V BU4827 LG 4.7V BU4947 KL 2.7V BU4927 JP 4.6V BU4846 HT 2.6V BU4826 LF 4.6V BU4946 KK 2.6V BU4926 JN 4.5V BU4845 HS 2.5V BU4825 LE 4.5V BU4945 KJ 2.5V BU4925 JM 4.4V BU4844 HR 2.4V BU4824 LD 4.4V BU4944 KH 2.4V BU4924 JL 4.3V BU4843 HQ 2.3V BU4823 LC 4.3V BU4943 KG 2.3V BU4923 JK 4.2V BU4842 HP 2.2V BU4822 LB 4.2V BU4942 KF 2.2V BU4922 JJ 4.1V BU4841 HN 2.1V BU4821 LA 4.1V BU4941 KE 2.1V BU4921 JH 4.0V BU4840 HM 2.0V BU4820 KZ 4.0V BU4940 KD 2.0V BU4920 JG 3.9V BU4839 HL 1.9V BU4819 KY 3.9V BU4939 KC 1.9V BU4919 JF 3.8V BU4838 HK 1.8V BU4818 KX 3.8V BU4938 KB 1.8V BU4918 JE 3.7V BU4837 HJ 1.7V BU4817 KW 3.7V BU4937 KA 1.7V BU4917 JD 3.6V BU4836 HH 1.6V BU4816 KV 3.6V BU4936 JZ 1.6V BU4916 JO 3.5V BU4835 HG 1.5V BU4815 KU 3.5V BU4935 JY 1.5V BU4915 JB 3.4V BU4834 HF 1.4V BU4814 KT 3.4V BU4934 JX 1.4V BU4914 JA 3.3V BU4833 HE 1.3V BU4813 KS 3.3V BU4933 JW 1.3V BU4913 HZ 3.2V BU4832 HD 1.2V BU4812 KR 3.2V BU4932 JV 1.2V BU4912 HY 3.1V BU4831 HC 1.1V BU4811 KQ 3.1V BU4931 JU 1.1V BU4911 HX 3.0V BU4830 HB 1.0V BU4810 KP 3.0V BU4930 JT 1.0V BU4910 HW 2.9V BU4829 HA 0.9V BU4809 KN 2.9V BU4929 JS 0.9V BU4909 No. Specifications Description 1 Output Circuit Format 8:Open Drain Output, 9:CMOS Output 2 Detection Voltage Example VDET: Represented as 0.1V steps in the range from 0.9V to 4.8V (Displayed as 0.9 in the case of 0.9V) 3 Package G:SSOP5(SMP5C2)/ F:SOP4/ FVE:VSOF5(EMP5) No.09006ECT01 Part Number : BU4 1 2 3 |
Número de pieza similar - BU4928 |
|
Descripción similar - BU4928 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |