Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC0264A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TC0264A
Descripción Electrónicos  SAW Resonator 644.60859 MHz SMD 3.8X3.8 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0264A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0264A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0264A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0264A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0264A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0264A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 644.60859 MHz
Model No.: TC0264A
Rev. No.:1
A. Features:
1. 1-Port Resonator.
B. Maximum Rating:
1. Input Power Level: 0 dBm
2. DC voltage: 12 V
3. Operating Temperature: -40
°C to +85 °C
4. Storage Temperature: -40
°C to +85 °C
C. Electrical Characteristics:
Reference Temperature TA=25 °C
Characteristic
Units
Minimum
Typical
Maximum
Nominal Frequency, fc
MHz
644.57859
644.60859
644.63859
Insertion Loss, IL
dB
-
1.1
2.5
Aging of fc
ppm/ yr
-
±10
Equivalent Circuit Model
Motional Capacitance, Cm
fF
-
1.705
-
Motional Inductance, Lm
µH
-
35.74
-
Motional Resistance, Rm
-
14.87
-
Shunt Static Capacitance, Co
pF
-
2.89
-
Temp. Coefficient.
ppm/ °C2
-
0.032
-
Turnover Temperature, To
°C
10
25
40
Package size
SMD 3.8x3.8x1.2 mm
Temperature dependence of fc: fc(TA)=fc(TO)(1+TCf(TA-TO)2)
RoHS Compliant
Lead free
Lead-free soldering


Número de pieza similar - TC0264A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TC0260A TAI-SAW-TC0260A Datasheet
345Kb / 5P
   SAW Resonator 314.525 MHz SMD5.0X5.0 mm
TC0261A TAI-SAW-TC0261A Datasheet
383Kb / 5P
   SAW Resonator 433.32 MHz SMD 5.0X5.0 mm
TC0263A TAI-SAW-TC0263A Datasheet
383Kb / 5P
   SAW Resonator 434.52 MHz SMD 5.0X5.0 mm
TC0265A TAI-SAW-TC0265A Datasheet
358Kb / 5P
   SAW Resonator 657.4876 MHz SMD 3.8X3.8 mm
TC0266A TAI-SAW-TC0266A Datasheet
278Kb / 5P
   SAW Resonator 690.65026 MHz SMD 3.8X3.8 mm
More results

Descripción similar - TC0264A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TD0116A TAI-SAW-TD0116A Datasheet
258Kb / 6P
   SAW Resonator 1090 MHz SMD 3.8X3.8 mm
TC0273A TAI-SAW-TC0273A Datasheet
247Kb / 5P
   SAW Resonator 500.3 MHz SMD 3.8X3.8 mm
TC0237A TAI-SAW-TC0237A Datasheet
353Kb / 5P
   SAW Resonator 666.6043 MHz SMD 3.8X3.8 mm
TC0248A TAI-SAW-TC0248A Datasheet
285Kb / 5P
   SAW Resonator 433.000 MHz SMD 3.8X3.8 mm
TC0403A TAI-SAW-TC0403A Datasheet
264Kb / 6P
   SAW Resonator 915.75 MHz SMD 3.8X3.8 mm
TC0429A TAI-SAW-TC0429A Datasheet
278Kb / 6P
   SAW Resonator 644.873 MHz SMD 3.8X3.8 mm
TC0185A TAI-SAW-TC0185A Datasheet
289Kb / 4P
   SAW Resonator 745.795 MHz SMD 3.8X3.8 mm
TC0187A TAI-SAW-TC0187A Datasheet
285Kb / 5P
   SAW Resonator 772.420 MHz SMD 3.8X3.8 mm
TC0327BA3510 TAI-SAW-TC0327BA3510 Datasheet
831Kb / 6P
   SAW Resonator 840 MHz SMD 3.8X3.8 mm
TC0177A TAI-SAW-TC0177A Datasheet
315Kb / 4P
   SAW Resonator 804.681 MHz SMD 3.8X3.8 mm
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com