Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4911 Datasheet(PDF) 2 Page - Rohm

No. de pieza BU4911
Descripción Electrónicos  Low Voltage Standard CMOS Voltage Detector IC Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU4911 Datasheet(HTML) 2 Page - Rohm

  BU4911 Datasheet HTML 1Page - Rohm BU4911 Datasheet HTML 2Page - Rohm BU4911 Datasheet HTML 3Page - Rohm BU4911 Datasheet HTML 4Page - Rohm BU4911 Datasheet HTML 5Page - Rohm BU4911 Datasheet HTML 6Page - Rohm BU4911 Datasheet HTML 7Page - Rohm BU4911 Datasheet HTML 8Page - Rohm BU4911 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Technical Note
2/8
BU48
□□G, BU48□□F, BU48□□FVE, BU49□□G, BU49□□F, BU49□□FVE series
www.rohm.com
2009.06 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
 Absolute maximum ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Power Supply Voltage
VDD-GND
-0.3 ~ +7
V
Output Voltage
Nch Open Drain Output
VOUT
GND-0.3 ~ +7
V
CMOS Output
GND-0.3 ~ VDD+0.3
Power
Dissipation
SSOP5
*1*4
Pd
540
mW
SOP4
*2*4
400
VSOF5
*3*4
210
Operating Temperature
Topr
-40 ~ +125
°C
Ambient Storage Temperature
Tstg
-55 ~ +125
°C
*1
When used at temperatures higher than Ta=25°C, the power is reduced by 5.4mW per 1°C above 25°C.
*2
When used at temperatures higher than Ta=25°C, the power is reduced by 4.0mW per 1°C above 25°C.
*3
When used at temperatures higher than Ta=25°C, the power is reduced by 2.1mW per 1°C above 25°C.
*4
When a ROHM standard circuit board (70mm×70mm×1.6mm, glass epoxy board)is mounted.
 Electrical characteristics
Parameter
Symbol
Condition
Limit
Unit
Min.
Typ.
Max.
Detection Voltage
VDET
VDD=H
L , Ta=25°C
RL=470k
BU4848
4.752
4.800
4.848
V
BU4847
4.653
4.700
4.747
BU4846
4.554
4.600
4.646
BU4845
4.455
4.500
4.545
BU4844
4.356
4.400
4.444
BU4843
4.257
4.300
4.343
BU4842
4.158
4.200
4.242
BU4841
4.059
4.100
4.141
BU4840
3.960
4.000
4.040
BU4839
3.861
3.900
3.939
BU4838
3.762
3.800
3.838
BU4837
3.663
3.700
3.737
BU4836
3.564
3.600
3.636
BU4835
3.465
3.500
3.535
BU4834
3.366
3.400
3.434
BU4833
3.267
3.300
3.333
BU4832
3.168
3.200
3.232
BU4831
3.069
3.100
3.131
BU4830
2.970
3.000
3.030
BU4829
2.871
2.900
2.929
BU4828
2.772
2.800
2.828
BU4827
2.673
2.700
2.727
BU4826
2.574
2.600
2.626
BU4825
2.475
2.500
2.525
BU4824
2.376
2.400
2.424
BU4823
2.277
2.300
2.323
BU4822
2.178
2.200
2.222
BU4821
2.079
2.100
2.121
BU4820
1.980
2.000
2.020
BU4819
1.881
1.900
1.919
BU4818
1.782
1.800
1.818
BU4817
1.683
1.700
1.717
BU4816
1.584
1.600
1.616
BU4815
1.485
1.500
1.515
BU4814
1.386
1.400
1.414
BU4813
1.287
1.300
1.313
BU4812
1.188
1.200
1.212
BU4811
1.089
1.100
1.111
BU4810
0.990
1.000
1.010
BU4809
0.891
0.900
0.909
Detection Voltage
Temperature Coefficient
VDET/
∆T Ta=-40°C~125°C
*1
-
±30
-
ppm/°C
Hysteresis Voltage
∆VDET
VDD=L
HL
Ta=-40°C~125°C
RL=470k
VDET
≤1.0V
VDET
×0.03
VDET
×0.05
VDET
×0.08
V
VDET
≥1.1V
VDET
×0.03
VDET
×0.05
VDET
×0.07
*1
Designed Guarantee.(Outgoing inspection is not done on all products.)
*This product is not designed for protection against radioactive rays.


Número de pieza similar - BU4911

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4911 ROHM-BU4911 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4911 ROHM-BU4911 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
BU4911 ROHM-BU4911 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4911 ROHM-BU4911 Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4911 ROHM-BU4911 Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
More results

Descripción similar - BU4911

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com