Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD2501 Datasheet(PDF) 1 Page - Won-Top Electronics

No. de pieza BD2501
Descripción Electrónicos  25A BOSCH TYPE PRESS-FIT DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WTE [Won-Top Electronics]
Página de inicio  http://www.wontop.com
Logo WTE - Won-Top Electronics

BD2501 Datasheet(HTML) 1 Page - Won-Top Electronics

  BD2501 Datasheet HTML 1Page - Won-Top Electronics BD2501 Datasheet HTML 2Page - Won-Top Electronics BD2501 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BD2500 – BD2506
1 of 3
© 2002 Won-Top Electronics
BD2500 – BD2506
25A BOSCH TYPE PRESS-FIT DIODE
Features
!
Diffused Junction
!
Low Leakage
!
Low Cost
!
High Surge Current Capability
!
Typical IR less than 10µA
                              
C
Mechanical Data
D
E
!
Case: Copper Case
!
Terminals: Contact Areas Readily Solderable
!
Polarity: Cathode to Case(Reverse Units Are
B
Available Upon Request and Are Designated
By An “R” Suffix, i.e. BD2502R or BD2504R)
!
Polarity: Red Color Equals Standard,
A
Black Color Equals Reverse Polarity
!
Mounting Position: Any
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
BD2500 BD2501 BD2502 BD2503 BD2504 BD2505 BD2506
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
350
420
V
Average Rectified Output Current
@TA = 150°C
IO
25
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
400
A
Forward Voltage
@IF = 50A
VFM
1.18
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Typical Junction Capacitance (Note 1)
Cj
300
pF
Typical Thermal Resistance Junction to Case
(Note 2)
RJC
1.2
K/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
*Glass passivated forms are available upon request
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance: Junction to case, single side cooled.
WTE
POWER SEMICONDUCTORS
13mm Bosch
Dim
Min
Max
A
12.90
13.06
B
7.70
8.10
C
1.25
1.31
D
29.10
31.10
E
11.10
11.50
All Dimensions in mm


Número de pieza similar - BD2501

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
BD2501 WTE-BD2501 Datasheet
30Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
BD2501 WTE-BD2501 Datasheet
32Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
More results

Descripción similar - BD2501

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
BD2500 WTE-BD2500_06 Datasheet
30Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
BD2500 WTE-BD2500_14 Datasheet
32Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
BD25160 WTE-BD25160 Datasheet
31Kb / 2P
   25A HIGH VOLTAGE BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000 Datasheet
23Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000_14 Datasheet
32Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500_06 Datasheet
30Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000_06 Datasheet
30Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500_14 Datasheet
32Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500 Datasheet
23Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD3520 WTE-BD3520 Datasheet
29Kb / 2P
   35A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com