Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC433H2-A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TC433H2-A
Descripción Electrónicos  SAW Resonator 433.98MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC433H2-A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC433H2-A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC433H2-A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC433H2-A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC433H2-A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 433.98 MHz
MODEL NO.: TC433H2-A
REV. NO.:2
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Power Dissipation: 0 dBm.
2.DC voltage: 12 V.
3.Storage Temperature: -40 °C to 85 °C.
4.Operating Temperature:-40 °C to 85 °C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fr
MHz
433.905
433.98
434.055
Insertion Loss IL
dB
-
1.0
2.0
Unloaded Quality factor
-
14500
-
Ageing of Fc
ppm
-
-
10/year
Equivalent Elements
Motional capacitance C1
fF
-
2.3
-
Motional inductance L1
μ
H
-
58
-
Motional resistance R1
Ohm
-
14
25
Parallel capacitance Co
pF
-
3.2
-
Temp.coeff.
ppm/c*2
-
0.032
-
Turnover To
deg.C
20
-
50
Package size
TO-39


Número de pieza similar - TC433H2-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHENZHEN FUMAN ELECTRON...
TC4331B FUMAN-TC4331B Datasheet
1Mb / 6P
   4-bit inverted/positive timer IC
TC4331C FUMAN-TC4331C Datasheet
1Mb / 6P
   4-bit inverted/positive timer IC
logo
TAI-SAW TECHNOLOGY CO.,...
TC433E1 TAI-SAW-TC433E1 Datasheet
210Kb / 3P
   SAW Resonator 433.92 MHz F11
TC433E1_A TAI-SAW-TC433E1_A Datasheet
205Kb / 3P
   SAW Resonator 433.92 MHz F11
TC433E2-A TAI-SAW-TC433E2-A Datasheet
230Kb / 3P
   SAW Resonator 433.920 MHz TO-39
More results

Descripción similar - TC433H2-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
   SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
   SAW RESONATOR
logo
Integrated Technology F...
R40731 ITF-R40731 Datasheet
255Kb / 6P
   SAW Resonator
R44761 ITF-R44761 Datasheet
252Kb / 6P
   SAW Resonator
R39001 ITF-R39001 Datasheet
228Kb / 6P
   SAW Resonator
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
   SAW resonator
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
   SAW Resonator
R31451 ITF-R31451 Datasheet
255Kb / 6P
   SAW Resonator
R31801 ITF-R31801 Datasheet
256Kb / 6P
   SAW Resonator
R41751 ITF-R41751 Datasheet
252Kb / 6P
   SAW Resonator
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com