Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC0483A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TC0483A
Descripción Electrónicos  SAW Resonator 768.407 MHz SMD 3.0X3.0 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0483A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0483A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0483A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0483A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0483A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0483A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0483A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 3 -
TST DCC
Release document
E.OUTLINE DRAWING:
Date code: Provided by planer each year
Year code: 9 for 2009,0 for 2010,…,9 for 2019
F. FREUENCY CHARACTERISTICS


Número de pieza similar - TC0483A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TC0481A TAI-SAW-TC0481A Datasheet
460Kb / 6P
   SAW Resonator 418MHz SMD 5.0X3.5 mm
More results

Descripción similar - TC0483A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TC0340A TAI-SAW-TC0340A Datasheet
402Kb / 6P
   SAW Resonator 614.726 MHz SMD 3.0X3.0 mm
TC0537A TAI-SAW-TC0537A Datasheet
414Kb / 6P
   SAW Resonator 834.64 MHz SMD 3.0X3.0 mm
TC0412A TAI-SAW-TC0412A Datasheet
403Kb / 6P
   SAW Resonator 672.531 MHz SMD 3.0X3.0 mm
TC0532A TAI-SAW-TC0532A Datasheet
403Kb / 6P
   SAW Resonator 644.873 MHz SMD 3.0X3.0 mm
TC0528A TAI-SAW-TC0528A Datasheet
407Kb / 6P
   SAW Resonator 1000MHz SMD 3.0X3.0 mm
TC0671A TAI-SAW-TC0671A Datasheet
391Kb / 6P
   SAW Resonator 1600MHz SMD 3.0X3.0 mm(300KHz)
TA0390A TAI-SAW-TA0390A Datasheet
224Kb / 7P
   SAW Filter 940.5 MHz SMD 3.0X3.0 mm
TA0562A TAI-SAW-TA0562A Datasheet
435Kb / 7P
   SAW Filter 906 MHz SMD 3.0X3.0 mm
TA0617A TAI-SAW-TA0617A Datasheet
416Kb / 7P
   SAW Filter 700 MHz SMD 3.0X3.0 mm
TA0767A TAI-SAW-TA0767A Datasheet
274Kb / 8P
   SAW Filter 675 MHz SMD 3.0X3.0 mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com