Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM4935 Datasheet(PDF) 2 Page - Rectron Semiconductor

No. de pieza SM4935
Descripción Electrónicos  SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RECTRON [Rectron Semiconductor]
Página de inicio  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SM4935 Datasheet(HTML) 2 Page - Rectron Semiconductor

  SM4935 Datasheet HTML 1Page - Rectron Semiconductor SM4935 Datasheet HTML 2Page - Rectron Semiconductor SM4935 Datasheet HTML 3Page - Rectron Semiconductor SM4935 Datasheet HTML 4Page - Rectron Semiconductor SM4935 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AMBIENT TEMPERATURE, (OC)
25
0.8
1.0
0
0.6
0.4
0.2
0
75
50
175
100
125
150
RATING AND CHARACTERISTICS CURVES ( SM4933 THRU SM4937 )
FIG.2 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.1 TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
0.1
10
1.0
1000
100
60
20
40
80
100
120
140
FIG.3 TYPICAL REVERSE
CHARACTERISTICS
trr
IFM 1.0
i(t)
0
IRM (REC)
1cm
SET TIME BASE FOR 50/100 ns/cm
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
TA = 25 OC
TA = 75 OC
TA = 100 OC
8
7
6
5
4
3
2
1
115Va 10K
60Hz 2W
C.P.CLARE
HPG 1002
30 Vdc
CONSTANT VOLTAGE
SUPPLY
3.8uH
/1.4
1 AMP
SLO-BLO
FUSE
C1
1.0uF
300V
30
50W
NON-INDUCTIVE
UNIT
UNDER TEST
R2
1
10W
NON-
INDUCTIVE
C1
1.0uF
300V
1.0 Adc FROM
CONSTANT
VOLTAGE SUPPLY
RIPPLE = 3mVrms MAX
MINIMIZE ALL LEAD LENGTHS
A-TEKTRONIX 545A. K PLUG IN
PRE AMP P6000 PROBE OR EQUIVALENT
R1-ADJUSTED FOR 1.4£[ BETWEEN
POINT 2 OF RELAY AND RECTIFIER
INDUCTIVE = 3.8uH
Zout 11/2 MAX
DC to 2kHz
R2-TEN-1W 10 % CARBON CORE
IN PARALLEL
TA = 25
FOR RECTIFIER
10
0
di/dt = 50A/mS


Número de pieza similar - SM4935

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rectron Semiconductor
SM4935 RECTRON-SM4935 Datasheet
29Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere)
logo
Microdiode Electronics ...
SM4935 CHENDA-SM4935 Datasheet
607Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Bytes
SM4935 BYTES-SM4935 Datasheet
159Kb / 2P
   1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SUNMATE electronic Co.,...
SM4935 SUNMATE-SM4935 Datasheet
229Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Dc Components
SM4935 DCCOM-SM4935 Datasheet
474Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Descripción similar - SM4935

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rectron Semiconductor
FM4933L RECTRON-FM4933L Datasheet
337Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
FM4933 RECTRON-FM4933 Datasheet
30Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere)
SM4933 RECTRON-SM4933 Datasheet
29Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere)
ES1A RECTRON-ES1A Datasheet
242Kb / 8P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
ES1ASL RECTRON-ES1ASL Datasheet
179Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
ES1AF RECTRON-ES1AF Datasheet
382Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
EFM101B RECTRON-EFM101B_V01 Datasheet
101Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
2011-10 REV: O
EFM101F RECTRON-EFM101F Datasheet
100Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
FM4933W RECTRON-FM4933W Datasheet
34Kb / 3P
   SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
FSM101 RECTRON-FSM101 Datasheet
25Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com