Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS06 Datasheet(PDF) 1 Page - Suntan Capacitors

No. de pieza TS06
Descripción Electrónicos  POLYPROPYLENE FILM CAPACITOR - PPI
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNTAN [Suntan Capacitors]
Página de inicio  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS06 Datasheet(HTML) 1 Page - Suntan Capacitors

  TS06 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POLYPROPYLENE FILM CAPACITOR - PPI
Suntan®
INDUCTIVE, RADIAL LEAD WELDED CONSTRUCTION, EPOXY COATED
TS06
F E A T U R E S
Comparatively small size saves space of print circuit board
Temperature dependence indicates characteristic of negative.
Dissipation Factor is normally low and temperature dependence of capacitance is linear.
SPECIF
IC
A
T
ION
S
OPERATING TEMPERATURE
RAGED VOLTAGE
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
INSULATION RESISTANCE
DISSIPATION FACTOR
DIELECTRIC STRENGTH
-40℃ TO +85℃
DC 100V, 250V, 400V, 630V
0.00047 TO 0.18Mfd
±
5%, ±10%
50,000 MΩmin.
≤0.001 for C≤0.068Mfd
≤0.002 for C>0.068 Mfd (AT 1KHz)
250% of rated voltage for 5sec.
100V
250V
400V
630V
VDC
uF
L
H
T
P
L
H
T
P
L
H
T
P
L
H
T
P
0.00047-0.0012
7.0
13.5
5.0
4.0
7.0
13.5
5.0
4.0
7.0
13.5
5.0
4.0
7.0
13.5
5.0
4.0
0.0015
7.0
13.5
5.0
4.0
7.0
13.5
5.0
4.0
7.0
13.5
5.0
4.0
7.5
13.5
5.0
4.0
0.0018
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
0.002
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
0.0022
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
0.0027
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
0.003
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
8.0
13.5
5.5
4.5
0.0033
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
8.0
13.5
5.5
4.5
0.0039
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
8.5
13.5
5.5
4.5
0.0047
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
8.5
14.0
5.5
5.0
0.0056
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
8.0
13.5
5.5
4.0
9.0
14.0
6.0
5.5
0.0068
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
9.0
13.5
6.0
5.5
9.0
14.0
6.5
6.0
0.0082
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
9.5
13.5
6.0
5.5
9.5
14.0
6.5
6.0
0.01
7.5
13.5
5.0
4.5
7.5
13.5
5.0
4.0
9.0
13.5
5.5
6.0
10.0
14.0
6.0
6.0
0.012
8.0
13.5
5.0
5.0
8.0
13.5
5.0
4.5
9.0
13.5
5.5
6.0
10.0
14.0
7.0
6.0
0.015
8.0
13.5
5.0
5.0
8.5
13.5
5.5
5.0
9.5
13.5
6.0
6.0
10.5
14.0
7.0
7.0
0.018
8.5
13.5
5.0
5.0
8.5
13.5
5.5
5.0
10.0
14.0
6.5
6.0
11.5
14.5
7.5
7.0
0.02
8.5
13.5
5.0
5.0
9.0
13.5
5.5
5.0
10.5
14.0
6.5
6.0
11.5
14.5
7.5
7.0
0.022
8.5
13.5
5.0
5.0
9.0
13.5
5.5
5.5
10.5
14.0
6.5
6.5
11.5
14.5
8.0
7.0
0.027
9.0
13.5
5.5
5.5
9.5
13.5
6.0
5.5
11.0
14.0
7.0
6.5
12.5
14.5
8.5
7.5
0.03
9.5
13.5
6.0
5.5
9.5
13.5
6.0
6.0
11.5
14.0
7.5
7.0
13.0
14.5
9.0
7.5
0.033
9.5
14.0
6.0
5.5
10.0
13.5
6.5
6.0
11.5
14.0
7.5
7.0
13.5
14.5
9.5
8.0
0.039
10.0
14.0
6.0
6.0
10.5
13.5
6.0
7.0
12.0
14.0
7.5
7.5
15.0
15.5
10.5
9.0
0.047
10.5
14.0
6.5
6.5
11.0
13.5
6.0
7.0
13.0
15.0
8.5
8.0
15.0
15.5
10.5
9.0
0.056
11.0
14.0
6.5
7.0
11.5
14.0
7.0
7.0
13.5
15.0
9.0
8.5
16.0
15.5
11.0
10.0
0.068
11.0
14.0
7.0
7.0
12.0
14.0
7.5
8.0
14.5
15.0
9.5
9.0
--
--
--
--
0.082
12.0
14.0
7.0
8.0
13.0
14.0
8.0
8.0
15.5
15.0
10.5
9.5
--
--
--
--
0.1
13.0
14.5
8.5
8.0
13.0
14.0
8.0
8.5
16.5
16.0
12.0
10.5
--
--
--
--
0.12
13.5
14.5
8.5
9.0
--
--
--
--
--
--
--
--
--
--
--
--
0.15
15.0
14.5
8.5
10.0
--
--
--
--
--
--
--
--
--
--
--
--
0.18
16.0
14.5
10.0
10.5
--
--
--
--
--
--
--
--
--
--
--
--
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Número de pieza similar - TS06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CUI INC
TS06 CUI-TS06 Datasheet
358Kb / 4P
   TACTILE SWITCH
09/22/2021
TS06-667-25-BK-100-G-SMT CUI-TS06-667-25-BK-100-G-SMT Datasheet
358Kb / 4P
   TACTILE SWITCH
09/22/2021
TS06-667-25-BK-160-G-SMT CUI-TS06-667-25-BK-160-G-SMT Datasheet
358Kb / 4P
   TACTILE SWITCH
09/22/2021
TS06-667-25-BK-260-G-SMT CUI-TS06-667-25-BK-260-G-SMT Datasheet
358Kb / 4P
   TACTILE SWITCH
09/22/2021
TS06-667-25-R-100-G-SMT CUI-TS06-667-25-R-100-G-SMT Datasheet
358Kb / 4P
   TACTILE SWITCH
09/22/2021
More results

Descripción similar - TS06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Suntan Capacitors
TS06 SUNTAN-TS06_17 Datasheet
250Kb / 1P
   POLYPROPYLENE FILM CAPACITOR - PPI
logo
Panasonic Semiconductor
ECQ-P6472JU PANASONIC-ECQ-P6472JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
ECQ-P6104JU PANASONIC-ECQ-P6104JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
logo
Vishay Siliconix
KP1830 VISHAY-KP1830 Datasheet
38Kb / 2P
   Polypropylene Film Capacitor
Revision 01-Dec-03
logo
jb Capacitors Company
JFK JBCAPACITORS-JFK_15 Datasheet
180Kb / 1P
   Polypropylene Film Capacitor
logo
Panasonic Semiconductor
ECQ-P1H221JZ PANASONIC-ECQ-P1H221JZ Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
ECQ-P1H104FZW PANASONIC-ECQ-P1H104FZW Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
logo
Panasonic Semiconductor
ECW-F4224JL PANASONIC-ECW-F4224JL Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com