Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS13C5 Datasheet(PDF) 3 Page - Suntan Capacitors

No. de pieza TS13C5
Descripción Electrónicos  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNTAN [Suntan Capacitors]
Página de inicio  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13C5 Datasheet(HTML) 3 Page - Suntan Capacitors

  TS13C5 Datasheet HTML 1Page - Suntan Capacitors TS13C5 Datasheet HTML 2Page - Suntan Capacitors TS13C5 Datasheet HTML 3Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Suntan®
TS13C5
Standard ratings & Maximum permissible ripple current & Impedance
25
35
50
WV
Cap. (μF)
1E
1V
1H
4.7
4R7
4×5.4
1.8
80
5×5.4
(4×5.4)
1.52
(3.0)
85
(60)
10
100
4×5.4
1.8
80
5×5.4
(4×5.4)
0.76
(1.8)
150
(80)
6.3×5.4
(5×5.4)
0.88
(1.52)
165
(85)
15
150
5×5.4
0.76
150
5×5.4
0.76
150
6.3×5.4
0.88
165
22
220
6.3×5.4
(5×5.4)
0.44
(0.76)
230
(150)
6.3×5.4
(5×5.4)
0.44
(0.76)
230
(150)
6.3×7.7
(6.3×5.4)
(8×6.2)
0.68
(0.88)
(0.68)
185
(165)
(185)
33
330
6.3×5.4
(5×5.4)
0.44
(0.76)
230
(150)
6.3×5.4
(8×6.2)
0.44
(0.34)
230
(280)
6.3×7.7
(8×6.2)
0.68
(0.68)
185
(185)
47
470
6.3×7.7
(6.3×5.4)
(8×6.2)
0.34
(0.44)
(0.34)
280
(230)
(280)
6.3×7.7
(6.3×5.4)
(8×6.2)
0.34
(0.44)
(0.34)
280
(230)
(280)
6.3×7.7
(8×6.2)
0.68
(0.68)
185
(185)
56
560
6.3×7.7
(6.3×5.4)
0.34
(0.44)
280
(230)
6.3×7.7
0.34
280
8×10.5
(6.3x7.7)
0.34
(0.68)
350
(185)
68
680
6.3×7.7
0.34
280
6.3×7.7
0.34
280
8×10.5
0.34
350
100
101
6.3×7.7
(8×6.2)
0.34
(0.34)
280
(280)
8×10.5
0.17
450
10×10.5
(8×10.5)
0.18
(0.34)
670
(350)
150
151
8×10.5
(6.3×7.7)
0.17
(0.34)
450
(280)
10×10.5
0.09
670
10×10.5
0.18
670
220
221
8×10.5
0.17
450
10×10.5
0.09
670
10×13.5
(10×10.5)
0.16
(0.18)
750
(670)
330
331
10×10.5
(8×10.5)
0.09
(0.17)
670
(450)
10×10.5
0.09
670
12.5×13.5
0.14
800
470
471
10×13.5
(10×10.5)
0.075
(0.09)
800
(670)
12.5×13.5
(10×13.5)
0.065
(0.075)
900
(800)
16×16.5
(12.5×16)
0.10
(0.12)
1150
(900)
680
681
12.5×13.5
0.065
900
12.5×16
(12.5×13.5)
0.06
(0.065)
1050
(900)
16×21.5
0.08
1350
1000
102
16×16.5
(12.5×16)
0.055
(0.060)
1350
(1050)
16×16.5
0.055
1350
1500
152
16×16.5
0.055
1350
16×21.5
0.040
1650
2200
222
16×21.5
0.040
1650
Case Size
Impedance
Ripple Current
Maximum Impedance (Ω) at 20℃ 100kHz, Ripple Current (mA rms) at 105℃ 100kHz
Frequency coefficient of allowable ripple current
Frequency
Capacitance (μF)
50Hz
120Hz
300Hz
1kHz
10kHz~
4.7~68
0.35
0.50
0.64
0.83
1.00
Φ4~Φ10
100~1500
0.40
0.55
0.70
0.85
1.00
680
0.45
0.65
0.80
0.90
1.00
Φ12.5~Φ16
1000~4700
0.65
0.85
0.95
1.00
1.00
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan Technology Company Limited Website: www.suntan.com.hk Email: info@suntan.com.hk Tel: (852) 8202 8782 Fax: (852) 8208 6246
®


Número de pieza similar - TS13C5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Suntan Capacitors
TS13C5 SUNTAN-TS13C5 Datasheet
420Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C5 SUNTAN-TS13C5_17 Datasheet
159Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Descripción similar - TS13C5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com