Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS13DI-CD286 Datasheet(PDF) 2 Page - Suntan Capacitors

No. de pieza TS13DI-CD286
Descripción Electrónicos  ALUMINUM ELECTROLYTIC CAPACITOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNTAN [Suntan Capacitors]
Página de inicio  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13DI-CD286 Datasheet(HTML) 2 Page - Suntan Capacitors

  TS13DI-CD286 Datasheet HTML 1Page - Suntan Capacitors TS13DI-CD286 Datasheet HTML 2Page - Suntan Capacitors TS13DI-CD286 Datasheet HTML 3Page - Suntan Capacitors TS13DI-CD286 Datasheet HTML 4Page - Suntan Capacitors TS13DI-CD286 Datasheet HTML 5Page - Suntan Capacitors TS13DI-CD286 Datasheet HTML 6Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
1 0 5 ℃ ,
E X T R A
L O W
I M P E D A N C E
TS13D CD286
 STANDARD RATINGS
WV (V)
/
DxL (mm)
6.3
10
Cap
Impedance(Ω) / 100KHz
Ripple
Cap
Impedance(Ω) / 100KHz
Ripple
μ
F
20℃
-10℃
mArms
μ
F
20℃
-10℃
mArms
5x11.5
100
0.65
1.3
175
82
0.65
1.3
175
5x11
150
0.46
0.92
235
100
0.46
0.92
235
6.3x11.5
220
0.30
0.60
290
180
0.31
0.62
290
6.3x15
330
0.20
0.40
400
220
0.20
0.40
400
8x12
470
0.17
0.34
488
330
0.17
0.34
490
8x15
680
0.13
0.26
617
470
0.13
0.26
617
8x20
1000
0.095
0.19
800
680
0.095
0.19
800
10x12.5
680
0.12
0.24
613
470
0.12
0.24
620
10x16
820
0.095
0.19
734
560
0.095
0.19
734
10x20
1200
0.065
0.13
1010
1000
0.060
0.13
1010
10x25
1500
0.055
0.11
1190
1200
0.055
0.11
1190
10x30
2200
0.045
0.090
1440
1500
0.045
0.090
1440
12.5x15
1200
0.065
0.13
1010
1000
0.065
0.13
1010
12.5x20
2200
0.042
0.084
1400
1800
0.042
0.084
1400
12.5x25
2700
0.038
0.076
1690
2200
0.036
0.072
1690
12.5x30
3900
0.032
0.064
1950
2700
0.032
0.064
1950
12.5x35
4700
0.028
0.056
2220
3300
0.028
0.056
2220
12.5x40
5600
0.026
0.052
2390
3900
0.025
0.050
2390
16x15
2700
0.046
0.092
1310
1800
0.046
0.092
1310
16x20
4700
0.034
0.068
1660
3300
0.034
0.068
1660
16x25
5600
0.028
0.056
2070
3900
0.028
0.056
2070
16x31.5
6800
0.025
0.050
2350
5600
0.025
0.050
2350
16x35.5
8200
0.022
0.044
2550
6800
0.022
0.044
2550
16x40
12000
0.020
0.040
2970
8200
0.020
0.040
2970
18x15
3300
0.043
0.086
1460
2200
0.043
0.086
1460
18x20
5600
0.030
0.060
1850
3900
0.030
0.060
1850
18x25
6800
0.027
0.054
2120
4700
0.027
0.054
2120
18x31.5
10000
0.023
0.046
2410
6800
0.023
0.046
2410
18x35.5
12000
0.019
0.038
2680
8200
0.019
0.038
2680
18x40
15000
0.018
0.036
3010
10000
0.018
0.036
3010


Número de pieza similar - TS13DI-CD286

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Suntan Capacitors
TS13DI-CD286 SUNTAN-TS13DI-CD286_17 Datasheet
124Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

Descripción similar - TS13DI-CD286

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com