Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS13DV-CDIN Datasheet(PDF) 1 Page - Suntan Capacitors

No. de pieza TS13DV-CDIN
Descripción Electrónicos  ALUMINUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNTAN [Suntan Capacitors]
Página de inicio  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13DV-CDIN Datasheet(HTML) 1 Page - Suntan Capacitors

  TS13DV-CDIN Datasheet HTML 1Page - Suntan Capacitors TS13DV-CDIN Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
F O R A I R C O N D I T I O N E R
TS13D CDIN
F E A T U R E S
Load life of 2000 hours at 85℃
High ripple current
Use for air conditioner, general-purpose
inverter
Specifications
ITEMS PERFORMANCE
CHARACTERISTICS
Rated Voltage Range(V)
400~450
Operating Temperature Range(℃)
-25~+85
Capacitance Tolerance(25℃,120Hz)
±
20%
Leakage Current(μA)
0.02CV or 5mA, whichever is smaller. (at 25℃, after 5 minutes)
Where, C: Nominal capacitance (μF) V: Rated voltage (V)
Dissipation Factor(20℃, 120Hz)
0.20
Load Life (+85℃)
Time
2000hours
Leakage Current
Not more than the specified value.
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value.
Shelf Life (85℃)
Time
500hours
Leakage Current
Not more than the specified value.
Capacitance Change
Within ±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value.
After Test: UR to be applied for 60 minutes, 24 to 48 hours before measurement
Dimensions
mm
Multiplier for ripple current
Φ
D
40
50
63.5
F
14
20
25
Frequency coefficient
Frequency(Hz)
50,60
120
300
1K
10K
Factor
0.7
1.0
1.10
1.20
1.50
Temperature coefficient
Temperature(℃)
+40
+55
+70
+85
Factor
2.6
2.2
1.7
1.0
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Número de pieza similar - TS13DV-CDIN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Suntan Capacitors
TS13DV-CDIN SUNTAN-TS13DV-CDIN_17 Datasheet
280Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

Descripción similar - TS13DV-CDIN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com