Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS20L Datasheet(PDF) 2 Page - Suntan Capacitors

No. de pieza TS20L
Descripción Electrónicos  CHIP TANTALUM CAPACITOR LOW ESR - SMD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNTAN [Suntan Capacitors]
Página de inicio  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS20L Datasheet(HTML) 2 Page - Suntan Capacitors

  TS20L Datasheet HTML 1Page - Suntan Capacitors TS20L Datasheet HTML 2Page - Suntan Capacitors TS20L Datasheet HTML 3Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CHIP TANTALUM CAPACITOR LOW ESR - SMD
Suntan®
TS20L
Capacitance
(μF)
Case
Size
(μa@+25℃ Max)
DC Leakage
DF (%)
@85℃
@100Hz (Max)
ESR (Ω)
@25℃
@100KHZ (Max)
Capacitance
(μF)
Case
Size
(μa@+25℃ Max)
DC Leakage
DF (%)
@85℃
@100Hz (Max)
ESR (Ω)
@25℃
@100KHZ (Max)
10Volt Rating at +85℃(7.0Volt Rating+125℃)
16Volt Rating at +85℃ (10Volt Rating +125℃)
1.5
A
0.5
6.0
6.0
1.0
A
0.5
4.0
6.0
2.2
A
0.5
6.0
6.0
1.5
A
0.5
6.0
6.0
3.3
A
6.0
4.0
2.2
A
0.5
6.0
4.0
4.7
B
0.5
6.0
1.5
2.2
S
0.5
8.0
20.0
4.7
A
0.5
6.0
3.0
3.3
A
0.5
6.0
4.0
4.7
S
0.5
8.0
8.0
3.3
B
0.5
6.0
2.0
6.8
B
0.7
6.0
1.2
4.7
B
0.8
6.0
1.5
6.8
A
0.7
6.0
3.0
4.7
A
0.8
6.0
3.0
10.0
C
1.0
6.0
0.6
6.8
C
1.1
6.0
0.8
10.0
B
1.0
6.0
0.8
6.8
B
1.1
6.0
1.2
10.0
A
1.0
6.0
2.0
6.8
A
1.1
6.0
3.0
15.0
C
1.5
6.0
0.5
10.0
C
1.6
6.0
0.6
15.0
B
1.5
6.0
0.7
10.0
B
1.6
6.0
0.8
15.0
A
1.5
8.0
4.0
15.0
C
2.4
6.0
0.4
22.0
C
2.2
6.0
0.4
15.0
B
2.4
6.0
0.8
22.0
B
2.2
6.0
0.7
22.0
D
3.6
6.0
0.25
33.0
D
3.3
6.0
0.25
22.0
C
3.6
6.0
0.35
33.0
C
3.3
6.0
0.3
33.0
D
5.3
6.0
0.25
33.0
B
3.3
6.0
2.0
33.0
C
5.3
6.0
0.3
47.0
D
4.7
6.0
0.22
47.0
D
7.5
6.0
0.2
47.0
C
4.7
6.0
0.3
47.0
C
7.5
6.0
0.55
68.0
D
6.8
6.0
0.2
68.0
D
10.9
6.0
0.15
68.0
C
6.8
6.0
0.3
100.0
E
16.0
8.0
0.15
100.0
D
10.0
8.0
0.15
100.0
D
16.0
8.0
0.15
100.0
C
10.0
8.0
0.3
150.0
E
24.0
8.0
0.15
150.0
E
15.0
8.0
0.15
150.0
D
15.0
8.0
0.15
220.0
E
22.0
8.0
0.15
220.0
D
22.0
8.0
0.15
330.0
E
33.0
10.0
0.10
20Volt Rating at +85℃(13Volt Rating+125℃)
25Volt Rating at +85℃ (17Volt Rating +125℃)
0.68
A
0.5
4.0
8.0
0.33
A
0.5
4.0
10.0
1.0
A
0.5
4.0
5.5
0.47
A
0.5
4.0
9.0
1.5
A
0.5
6.0
4.5
0.68
A
0.5
4.0
6.0
2.2
B
0.5
6.0
1.5
1.0
B
0.5
4.0
2.0
2.2
A
0.5
6.0
4.0
1.0
A
0.5
4.0
4.0
3.3
B
0.7
6.0
1.3
1.5
B
0.5
6.0
1.5
3.3
A
0.7
6.0
4.0
1.5
A
0.5
6.0
5.0
4.7
C
1.0
6.0
0.6
2.2
C
0.6
6.0
1.2
4.7
B
1.0
6.0
1.0
2.2
B
0.6
6.0
2.2
4.7
A
1.0
6.0
3.5
3.3
C
0.9
6.0
1.2
6.8
C
1.4
6.0
0.6
3.3
B
0.9
6.0
2.0
6.8
B
1.4
6.0
1.0
4.7
C
1.2
6.0
0.6
10.0
C
2.0
6.0
0.5
4.7
B
1.2
6.0
1.0
10.0
B
2.0
6.0
1.0
6.8
C
1.7
6.0
0.6
15.0
D
3.0
6.0
0.36
10.0
D
2.5
6.0
0.4
15.0
C
3.0
6.0
0.4
10.0
C
2.5
6.0
0.6
22.0
D
4.4
6.0
0.3
15.0
D
3.8
6.0
0.4
22.0
C
4.4
6.0
0.4
15.0
C
3.8
6.0
0.9
33.0
D
6.6
6.0
0.25
22.0
D
5.5
6.0
0.4
33.0
C
6.6
6.0
0.4
33.0
E
8.3
6.0
0.3
47.0
D
9.4
6.0
0.2
33.0
D
8.3
6.0
0.4
68.0
E
13.6
6.0
0.2
47.0
E
11.8
6.0
0.3
68.0
D
13.6
8.0
0.2
100.0
E
20.0
8.0
0.15
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Número de pieza similar - TS20L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
More results

Descripción similar - TS20L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kingtronics Internation...
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
   Chip Tantalum Capacitor Low ESR. SMD
logo
AVX Corporation
TPME477M010R0023 AVX-TPME477M010R0023 Datasheet
101Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPME108K004R0018 AVX-TPME108K004R0018 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPM AVX-TPM Datasheet
358Kb / 5P
   Tantalum Ultra Low ESR Capacitor
TPME476K035H0055 AVX-TPME476K035H0055 Datasheet
100Kb / 3P
   Tantalum Ultra Low ESR Capacitor
logo
Kemet Corporation
T520V157M006AS KEMET-T520V157M006AS Datasheet
46Kb / 2P
   Low ESR Tantalum Chip Capacitor with Polymer Electrode
logo
Dubilier
SHJL DUBILIER-SHJL Datasheet
262Kb / 3P
   TANTALUM CHIP - LOW ESR
logo
Kemet Corporation
T521D476M020ATE055 KEMET-T521D476M020ATE055 Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, Polymer, Molded, Low ESR, Non-Combustible
T530X477M006ATE004 KEMET-T530X477M006ATE004 Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, Polymer, Molded, Multiple Anodes, Low ESR,
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com